Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7550 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7550
Description  High Driver Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7550 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7550 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7550 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Circuits
Basic circuit
High output current positive voltage regulator
Short-Circuit protection for Tr1
HT75XX
7
May 2, 2000
C2
10 m F
C o mmo n
C o mmo n
S i ngl e poi nt G N D
GN D
V OU T
V IN
V IN
V OU T
C1
10 m F
HT 7 5 X X
Se r i e s
C o mmo n
C o mmo n
S i ngl e poi nt G N D
GN D
Tr 1
R1
HT 7 5 X X
Se r i e s
C2
10 m F
C1
10 m F
V IN
V OU T
V OU T
V IN
C o mmo n
C o mmo n
S i ngl e poi nt G N D
GN D
Tr 1
Rs
R1
HT 7 5 X X
Se r i e s
C1
10 m F
V OU T
V IN
C2
10 m F
V OU T
V IN


Similar Part No. - HT7550

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7550 HOLTEK-HT7550 Datasheet
85Kb / 4P
   100mA Voltage Regulator
logo
ZP Semiconductor
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
   High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT7550 ARTSCHIP-HT7550 Datasheet
201Kb / 7P
   High Driver Regulator
logo
DONGGUAN YOU FENG WEI E...
HT7550 YFWDIODE-HT7550 Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
Holtek Semiconductor In...
HT7550-1 HOLTEK-HT7550-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
More results

Similar Description - HT7550

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
   High Driver Regulator
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
   High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_17 Datasheet
239Kb / 7P
   HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_12 Datasheet
275Kb / 7P
   HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
   High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
   High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
   HIGH DRIVER REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
   High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
   HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7544 ZPSEMI-HT7544 Datasheet
351Kb / 9P
   High Driver Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com