Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


U-MULTILINK-FX Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part No. U-MULTILINK-FX
Description  Introduction
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

   
 1 page
background image
©2012 P&E Microcomputer Systems, Inc. Kinetis, Qorivva, and ColdFire are registered trademarks of Freescale Semiconductor, Inc.
The Power Architecture wordmark and related marks are trademarks and service marks licensed by Power.org.
P&E Microcomputer Systems, Inc.
www.pemicro.com
Technical Summary for
USB Multilink Universal, Rev. B
(PART# USB-ML-UNIVERSAL) and
USB Multilink Universal FX, Rev. A
(PART# USB-ML-UNIVERSAL-FX)
Support for Freescale Kinetis®
· Qorivva® MPC5xxx · ColdFire® V1/ColdFire+ V1 · ColdFire V2-4
PX Series
· HCS08 · RS08 · HC(S)12(X) · S12Z · DSC · HC16/683xx (FX only)
Document# PE4576, Version 1.01
1. Introduction
2. Usage
3. Driver Installation
4. Connecting To The Target
5. Troubleshooting - Startup Reset Sequence
6. Firmware Updates/Architecture Selection
7. Interface Libraries
8. Compatible Software
9. Transition To Production Programming
1
Introduction
The USB Multilink Universal and Universal FX are all-
in one debug interfaces which accelerate the debug and flash programming process, saving valuable development time. Both
Multilinks provide access to debug modes on a wide range of Freescale microcontroller families by communicating between the
target device and a laptop/PC via the target’s standard debug header and the laptop/PC’s USB port.
FX Note: In addition, the USB Multilink Universal FX offers up to 10X faster download speeds and can provide target
power.
Each of the supported families of Freescale microcontrollers are represented by headers located inside the unit. The headers
for Ports A-D & Port H
(FX only) are dual-row with a .100” pitch, and the headers for Ports F-G are dual-row with a .050” pitch.
The pin-outs for these connections and the families that they support are shown below. Port E, the 16-pin JTAG/COP connector,
is not currently supported.
Universal/Universal FX Pin-Outs, Ports A-D
USB Multilink Universal & USB Multilink Universal FX




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl