Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD45N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD45N10F7
Description  N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD45N10F7 Datasheet HTML 2Page - STMicroelectronics STD45N10F7 Datasheet HTML 3Page - STMicroelectronics STD45N10F7 Datasheet HTML 4Page - STMicroelectronics STD45N10F7 Datasheet HTML 5Page - STMicroelectronics STD45N10F7 Datasheet HTML 6Page - STMicroelectronics STD45N10F7 Datasheet HTML 7Page - STMicroelectronics STD45N10F7 Datasheet HTML 8Page - STMicroelectronics STD45N10F7 Datasheet HTML 9Page - STMicroelectronics STD45N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STD45N10F7, STI45N10F7, STP45N10F7
6/19
DocID024455 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
re
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
0.01
Tj=175°C
Tc=25°C
Single pulse
100
AM16107v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.2
0.1
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
10
0
AM16120v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
ID
100
60
20
0
0
2
VDS(V)
4
(A)
6
5V
6V
VGS=10V
40
80
8
120
140
160
7V
8V
9V
AM16109v1
ID
120
80
40
0
0
4
VGS(V)
8
(A)
2
6
10
20
60
100
140
VDS=8V
AM16110v1
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
VGS
6
4
2
0
0
10
Qg(nC)
(V)
30
8
15
20
10
VDD=50V
12
5
25
ID=45A
AM16111v1
RDS(on)
14
13.5
13
10
ID(A)
(m
Ω)
5
15
14.5
VGS=10V
20 25
15
15.5
16
30
35
40
16.5
AM16112v1


Similar Part No. - STD45N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD45N10F7 ISC-STD45N10F7 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STD45N10F7 DOINGTER-STD45N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - STD45N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0145 ??typ., 12 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
October 2013 Rev 3
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STH270N8F7-2 STMICROELECTRONICS-STH270N8F7-2 Datasheet
1Mb / 21P
   N-channel 80 V, 0.0017 typ., 180 A, STripFET VII DeepGATE Power MOSFETs in H2PAK-2, H2PAK-6 and TO-220
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
   N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
DS2834 - Rev 6 - September 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com