Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA305C124KAR Datasheet(PDF) 1 Page - AVX Corporation

Part # SA305C124KAR
Description  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA305C124KAR Datasheet(HTML) 1 Page - AVX Corporation

  SA305C124KAR Datasheet HTML 1Page - AVX Corporation SA305C124KAR Datasheet HTML 2Page - AVX Corporation SA305C124KAR Datasheet HTML 3Page - AVX Corporation SA305C124KAR Datasheet HTML 4Page - AVX Corporation SA305C124KAR Datasheet HTML 5Page - AVX Corporation SA305C124KAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
37
Axial Leads/SpinGuard®
A
5
E
10
4
Z
A
B
8
1
0
VOLTAGE
(5 = 50V)
TC
(E = Z5U)
AVX
TOLERANCE
(Z = +80, -20%)
YEAR (2008)
WEEK (10th)
CAP CODE
AND MULTIPLIER
ALPHA-ALPHA,
LOT CODE
AB=LOT #2 IN WEEK
SA105E104ZAA
LOT CODE/DATE CODE
=810AB
MARKING (EXAMPLE)
SpinGuard marking includes full date code/lot code identifi-
cation. A first in the industry, this format provides complete
traceability to all manufacturing processes involving the
basic chip and final assembly. Total Shipment traceability is
also provided.
PACKAGING REQUIREMENTS
A = Standard Reels (see Page 48)
B = 1000 piece reels (distributors only, tight tolerance only)
C = Ammo Pack (see Page 48)
D thru J = See Special Lead Configurations (Page 41)
M = 26mm tape and reel
N = 26mm ammo pack
R = RoHS, Standard reels (See page 48)
A
Z
10
4
8
A
B
AVX
TOLERANCE
(Z = +80%, -20%)
YEAR (2008)
CAP CODE
AND MULTIPLIER
LOT CODE
SA055E104ZAA
LOT CODE/DATE CODE
=8AB
SA10, 11, 20, 30, 40
SA05
AVX SA Series
Conformally Coated Axial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, X5R, Z5U
10, 50, 100, 200 Volts
Case Material: Epoxy (Flame Retardant to UL Bulletin
492, Par. 280)
Lead Material: Solderable
GENERAL DESCRIPTION
HOW TO ORDER
SA10
Conformal
Axial Size
SA05
SA10
SA11
SA20
SA30
SA40
5
Voltage
Z = 10V
5 = 50V
1 = 100V
2 = 200V
E
Dielectric
A = C0G (NP0)
C = X7R
D = X5R
E = Z5U
104
Capacitance
First two digits are the significant
figures of capacitance. Third digit
indicates the additional number
of zeros. For example, order
100,000 pF as 104. (For values
below 10pF use “R” in place of
decimal point, e.g., 1R4 = 1.4pF.)
Z
Capacitance
Tolerance
C0G (NP0):
C = ±.25pF
D = ±.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
X7R:
J = ±5%
K = ±10%
M = ±20%
X5R:
K = ±10%
M = ±20%
Z5U:
M = ±20%
Z = +80%
-20%
A
Failure Rate
A = Not Applicable
R
Leads
Standard (Solderable)
R = RoHS Compliant
A = Standard
Solderable
2.30 (.090
")
Max.
3.00 (.118
")
Max.
25.4 (1.00
")
Min.
.445 ± .0127
(.0175
" ± .0005")
Dimensions: Millimeters
(Inches)


Similar Part No. - SA305C124KAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA305C124KAR AVX-SA305C124KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA305C124KAR AVX-SA305C124KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA305C124KAR AVX-SA305C124KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA305C124KAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA115E334ZAA AVX-SA115E334ZAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com