Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20SQ200 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 20SQ200
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

20SQ200 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  20SQ200 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20SQ200 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20SQ200 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 20SQ200 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1520, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
20SQ200
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
20SQ200
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Maximum RMS Voltage
VRMS
140
V
Average Rectified Output Current
(Note 1)
@TC = 135°C
IF(AV)
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 20A,TA = 25°C
@IF = 20A,TA = 125°C
VFM
1.10
1.00
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
1
8
mA
Junction Capacitance (Note 2)
CT
400
pF
Maximum Thermal Resistance, Junction to lead
RθJL
8
°C /W
Storage Temperature Range
TJ,TSTG
-50 to +150
°C
Case Style
R-6
Note:1. Mount on Cu-Pad Size 5mm×5mm on P.C.B.
2. VR = 5V, fSIG = 1MHz


Similar Part No. - 20SQ200

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
20SQ200 SMCDIODE-20SQ200 Datasheet
220Kb / 3P
   20SQ200 SCHOTTKY BARRIER RECTIFIER
Rev. A
More results

Similar Description - 20SQ200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com