Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD2941-10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SD2941-10
Description  HF/VHF/UHF RF power N-channel MOSFETs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2941-10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD2941-10 Datasheet HTML 6Page - STMicroelectronics SD2941-10 Datasheet HTML 7Page - STMicroelectronics SD2941-10 Datasheet HTML 8Page - STMicroelectronics SD2941-10 Datasheet HTML 9Page - STMicroelectronics SD2941-10 Datasheet HTML 10Page - STMicroelectronics SD2941-10 Datasheet HTML 11Page - STMicroelectronics SD2941-10 Datasheet HTML 12Page - STMicroelectronics SD2941-10 Datasheet HTML 13Page - STMicroelectronics SD2941-10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Test circuit
SD2941-10
10/17
DocID11815 Rev 5
5
Test circuit
Figure 12. 30 MHz test circuit schematic (engineering test circuit)
Note:
All dimension are in inches.
Table 9. 30 MHz test circuit component part list
Symbol
Description
T2
1:4 transformer, 25
Ω semi-rigid coax .141 OD 6” Long
FB1
Toroid X 2, 0.5” OD .312” ID 850µ 2 turns
FB2, FB3
VK200
FB4
Shield bead, 1” OD 0.5” ID 850µ 3 Turns
L1
1/4 Wave Choke, 50
Ω Semi-rigid coax .141 OD 12” Long
PCB
0.62” woven fiberglass, 1 oz. copper, 2 sides,
εr = 2.55
R1, R3
470
Ω 1 W chip resistor
R2
360
Ω 1/2 W resistor
R4
20 K
Ω 10 turn potentiometer
R5
560
Ω 1 W resistor
C1, C11
470 pF ATC chip cap
C2
43 pF ATC chip cap
C3, C8, C9
Arco 404, 12-65 pF
C4
Arco 423, 16-100 pF
C5
120 pF ATC chip cap
C6
0.01
μF ATC chip cap
C7
30 pF ATC chip cap


Similar Part No. - SD2941-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2941-10 ETC1-SD2941-10 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Amphenol Corporation
SD2941-10 AMPHENOL-SD2941-10 Datasheet
562Kb / 3P
   Luminus MP Series
logo
New Jersey Semi-Conduct...
SD2941-10 NJSEMI-SD2941-10 Datasheet
233Kb / 4P
   RF power transistors
More results

Similar Description - SD2941-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com