Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9971AGM-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9971AGM-HF
Description  Single Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9971AGM-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9971AGM-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9971AGM-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9971AGM-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9971AGM-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
DUAL N-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Low On-resistance
BVDSS
60V
▼ Single Drive Requirement
RDS(ON)
50mΩ
▼ Surface Mount Package
ID
5A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=100℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
62.5
/W
Data and specifications subject to change without notice
Halogen-Free Product
201112293
Total Power Dissipation
2
-55 to 150
Maximum Thermal Resistance, Junction-ambient
3
Thermal Data
Parameter
Operating Junction Temperature Range
-55 to 150
Storage Temperature Range
Continuous Drain Current
3, V
GS @ 10V
3.2
Pulsed Drain Current
1
30
+25
Continuous Drain Current
3, V
GS @ 10V
5
Linear Derating Factor
0.016
1
AP9971AGM-HF
Parameter
Rating
Drain-Source Voltage
60
Gate-Source Voltage
Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design,
ultra low on-resistance and cost-effectiveness.
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
G2
D2
S2
G1
D1
S1
The SO-8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.


Similar Part No. - AP9971AGM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9971AGM-HF A-POWER-AP9971AGM-HF_16 Datasheet
53Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9971AGM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9973GS A-POWER-AP9973GS_14 Datasheet
107Kb / 4P
   Single Drive Requirement
AP9977GJ-HF A-POWER-AP9977GJ-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9962AGH-HF A-POWER-AP9962AGH-HF_14 Datasheet
102Kb / 4P
   Single Drive Requirement
AP40T10GH-HF A-POWER-AP40T10GH-HF_14 Datasheet
54Kb / 4P
   Single Drive Requirement
AP40T10GR A-POWER-AP40T10GR_14 Datasheet
98Kb / 4P
   Single Drive Requirement
AP9977GH-HF A-POWER-AP9977GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP9972AGR-HF A-POWER-AP9972AGR-HF_14 Datasheet
100Kb / 4P
   Single Drive Requirement
AP9972GR A-POWER-AP9972GR_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP9979GH-HF A-POWER-AP9979GH-HF_14 Datasheet
101Kb / 4P
   Single Drive Requirement
AP6679GI-HF A-POWER-AP6679GI-HF_14 Datasheet
159Kb / 5P
   Single Drive Requirement
AP9452AGG-HF A-POWER-AP9452AGG-HF_14 Datasheet
99Kb / 4P
   Single Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com