Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST102316 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST102316
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST102316 Datasheet(HTML) 1 Page - E-SWITCH

  ST102316 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100AWDP3T2B1M2QEH
2:1
5/19/2006
ST102316
B
CT
1
1
P.C. MOUNTING
PANEL MOUNTING
12.70
[.500 in]
11.43
[.450 in]
RATING ON
OPPOSITE SIDE
1.27
[.050 in]
4.83
[.190 in]
3
2
1
1
4
EPOXY SEAL
.76
[.030 in]
4.70
[.185 in]
5.30
[.209 in]
10.40
[.409 in]
.76
[.030 in]
8.80
[.346 in]
5.47
[.215 in]
4.83
[.190 in]
4.70
[.185 in]
n1.85
[.073 in]
.85
[.033 in]
.55
[.022 in]
R3.18
[.125 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.x=
`0.4
x.xx=
`0.25
3. TERMINAL NOS. FOR REF. ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2A @ 250VAC
5A @ 120VAC or 28VDC
6. ELECTRICAL LIFE: 30,000 make-and-break
cycles at full load
7. INSULATION RESISTANCE: 1,000mOHMS MIN
8. DIELECTRIC STRENGTH: 1,000V RMS @ sea level
9. OPERATING TEMPERATURE: -30
~C to 85~C
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK:
T100011 - LOCK WASHER, QTY 1
T100015 - LOCK RING, QTY 1
T100000 - HEX NUT, QTY 2
A
16047
NEW PART RELEASE
5/19/06
CT
100AWDP3T2B1M2QE
(T102316)
B
16343
CLEANED UP DWG.
8/18/06
BO
25
~
POS. 1
POS. 2
POS. 3
1/4-40 UNS - 2A
2.67
[.105 in]
n
B
B
B


Similar Part No. - ST102316

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST102310 E-SWITCH-ST102310 Datasheet
70Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST102311 E-SWITCH-ST102311 Datasheet
137Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST102314 E-SWITCH-ST102314 Datasheet
77Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST102315 E-SWITCH-ST102315 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST102317 E-SWITCH-ST102317 Datasheet
138Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST102316

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com