Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNCD10C Datasheet(PDF) 6 Page - NEC

Part # NNCD10C
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD10C Datasheet(HTML) 6 Page - NEC

  NNCD10C Datasheet HTML 1Page - NEC NNCD10C Datasheet HTML 2Page - NEC NNCD10C Datasheet HTML 3Page - NEC NNCD10C Datasheet HTML 4Page - NEC NNCD10C Datasheet HTML 5Page - NEC NNCD10C Datasheet HTML 6Page - NEC NNCD10C Datasheet HTML 7Page - NEC NNCD10C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NNCD3.3C to NNCD12C
6
REFERENCE
Document Name
Document No.
NEC semiconductor device reliability/quality control system
C11745E
NEC semiconductor device reliability/quality control system
MEI-1201
Quality grade on NEC semiconductor device
C11531E
Semiconductor device mounting technology manual
C10535E
Guide to quality assurance for semiconductor device
MEI-1202


Similar Part No. - NNCD10C

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD10A NEC-NNCD10A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD10B NEC-NNCD10B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD10D NEC-NNCD10D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Renesas Technology Corp
NNCD10DA RENESAS-NNCD10DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
logo
NEC
NNCD10E NEC-NNCD10E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
More results

Similar Description - NNCD10C

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
NNCD12F NEC-NNCD12F Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com