Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R05A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R05A
Description  8-Bit OTP Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R05A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R05A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R05A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Pin Description
Pin No. Pin Name I/O ROM Code
Option
Description
4~1,
18~15
PA0~PA7
I/O Pull-high*
Wake-up
Bidirectional 8-bit input/output port. Each bit can be
configured as wake-up input by ROM code option.
Software instructions determine the CMOS output or
schmitt trigger input with a pull-high resistor (deter-
mined by pull-high options).
7
6
5
PB0/BZ
PB1/BZ
PB2
I/O
Pull-high*
I/O or
BZ/BZ
Bidirectional 3-bit input/output port. Software in-
structions determine the CMOS output or schmitt
trigger input with a pull-high resistor (determined by
pull-high options).
The PB0 and PB1 are pin-shared with the BZ and BZ,
respectively. Once the PB0 and PB1 are selected as
buzzer driving outputs, the output signals come from
an internal PFD generator (shared with timer/event
counter).
8
VSS
¾¾
Negative power supply, ground
9
10
PC0/INT
PC1/TMR
I/O Pull-high*
Bidirectional I/O lines. Software instructions deter-
mine the CMOS output or SCHMITT trigger input
with a pull-high resistor (determined by pull-high op-
tions). The external interrupt and timer input are
pin-shared with the PC0 and PC1, respectively. The
external interrupt input is activated on a high to low
transition.
11
RES
I
¾
Schmitt trigger reset input. Active low
12
VDD
¾¾
Positive power supply
13
14
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or Crys-
tal (determined by ROM code option) for the internal
system clock. In the case of RC operation, OSC2 is the
output terminal for 1/4 system clock.
* All pull-high resistors are controlled by an option bit.
Absolute Maximum Ratings
Supply Voltage ...............VSS-0.3V to VSS+5.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maxi-
mum Ratings" may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT48R05A-1
3
February 25, 2000
Preliminary


Similar Part No. - HT48R05A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R05A-1 HOLTEK-HT48R05A-1 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
More results

Similar Description - HT48R05A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
   8-Bit OTP Microcontroller
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
   8-Bit OTP Microcontroller
logo
ELAN Microelectronics C...
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
   8-Bit OTP Microcontroller
logo
Feeling Technology Corp...
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com