Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48C50- Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48C50-
Description  8-Bit Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50- Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48C50- Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
HT48C50-1
10
June 14, 2000
Preliminary
Data memory - RAM
The data memory is designed with 184´8 bits.
The data memory is divided into two func-
tional groups: special function registers and
general purpose data memory (160´8). Most
are read/write, but some are read only.
The special function registers include the indi-
rect addressing registers (00H, 02H),
timer/event counter 0 (TMR0;0DH),
timer/event counter 0 control register
(TMR0C;0EH), timer/event counter 1 higher
order byte register (TMR1H;0FH), timer/event
counter 1 lower order byte register
(TMR1L;10H), timer/event counter 1 control
register (TMR1C;11H), program counter
lower-order byte register (PCL;06H), memory
pointer registers (MP0;01H, MP1;03H), accu-
mulator
(ACC;05H),
table
pointer
(TBLP;07H), table higher-order byte register
(TBLH;08H), status register (STATUS;0AH),
interrupt control register (INTC;0BH), Watch-
dog Timer option setting register
(WDTS;09H), I/O registers (PA;12H, PB;14H,
PC;16H, PD;18H, PG;1EH) and I/O control
registers (PAC;13H, PBC;15H, PCC;17H,
PDC;19H, PGC;1FH). The remaining space be-
fore the 60H is reserved for future expanded
usage and reading these locations will get
"00H". The general purpose data memory, ad-
dressed from 60H to FFH, is used for data and
control information under instruction com-
mands.
All of the data memory areas can handle arith-
metic, logic, increment, decrement and rotate
operations directly. Except for some dedicated
bits, each bit in the data memory can be set and
reset by "SET [m].i" and "CLR [m].i". They are
also indirectly accessible through memory
pointer registers (MP0 or MP1).
Indirect addressing register
Location 00H and 02H are indirect addressing
registers that are not physically implemented.
Any read/write operation of [00H] ([02H]) will
access data memory pointed to by MP0 (MP1).
Reading location 00H (02H) itself indirectly
will return the result 00H. Writing indirectly
results in no operation.
The memory pointer registers (MP0 and MP1)
are 8-bit registers.
G e ne r al P ur p o s e
DA T A M E M O R Y
( 160 B y t e s )
S pec i a l P u r pos e
DA T A M E M O R Y
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1E H
1F H
FF H
: U nu s e d
R ead a s " 00"
5F H
60H
20H
I ndi r e c t A ddr es s i ng R egi s t er 0
MP 0
I ndi r e c t A ddr es s i ng R egi s t er 1
MP 1
AC C
PC L
TB L P
TB L H
WD T S
ST AT U S
IN T C
TM R 0
TM R 0 C
TM R 1 H
TM R 1 L
TM R 1 C
PA
PA C
PB
PB C
PC
PC C
PD
PD C
PG
PG C
RAM mapping


Similar Part No. - HT48C50-

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C50-1 HOLTEK-HT48C50-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48C50-1 HOLTEK-HT48C50-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48C50-

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com