Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT47C20L Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
HT47C20L
11
January 18, 2000
Instruction(s)
Table Location
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table location
Note: *10~*0: Bits of table location
@7~@0: Bits of table pointer
P10~P8: Bits of current program counter
tion. Before accessing the table, the location
must be placed in TBLP. The TBLH is read
only and cannot be restored. If the main rou-
tine and the ISR (interrupt service routine)
both employ the table read instruction, the
contents of the TBLH in the main routine are
likely to be changed by the table read instruc-
tion used in the ISR. Errors can occur. In
other words using the table read instruction
in the main routine and the ISR simulta-
neously should be avoided. However, if the ta-
ble read instruction has to be applied in both
the main routine and the ISR, the interrupt is
supposed to be disabled prior to the table read
instruction. It will not be enabled until the
TBLH has been backed up. All table related
instructions need two cycles to complete the
operation. These areas may function as nor-
mal program memory depending upon the re-
quirements.
Stack register - STACK
This is a special part of the memory which is
used to save the contents of the program counter
(PC) only. The stack is organized into four levels
and is neither part of the data nor part of the
program space, and is neither readable nor
writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor
writeable. At a subroutine call or interrupt ac-
knowledgment, the contents of the program
counter are pushed onto the stack. At the end of
a subroutine or an interrupt routine, signaled
by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value
from the stack. After a chip reset, the SP will
point to the top of the stack.
If the stack is full and a non-masked interrupt
takes place, the interrupt request flag will be
recorded but the acknowledgment will be inhib-
ited. When the stack pointer is decremented (by
RET or RETI), the interrupt will be serviced.
This feature prevents stack overflow allowing
the programmer to use the structure more eas-
ily. In a similar case, if the stack is full and a
²CALL² is subsequently executed, stack over-
flow occurs and the first entry will be lost (only
the most recent four return addresses are
stored).
Data memory - RAM
The data memory is designed with 83´8 bits.
The data memory is divided into two functional
groups: special function registers and general
purpose data memory (64´8). Most are read/write,
but some are read only.
The special function registers include the indirect
addressing register 0 (00H), the memory pointer
register 0 (MP0; 01H), the indirect addressing
register 1 (02H), the memory pointer register 1
(MP1;03H), the bank pointer (BP;04H), the accu-
mulator (ACC;05H), the program counter
lower-order byte register (PCL;06H), the table
pointer (TBLP;07H), the table higher-order byte
register (TBLH;08H), the real time clock control
register (RTCC;09H), the status register
(STATUS;0AH), the interrupt control register 0
(INTC0;0BH), the I/O registers (PA;12H,
PB;14H), the interrupt control register 1
(INTC1;1EH), the timer/event counter A
higher order byte register (TMRAH; 20H), the
timer/event counter A lower order byte register
(TMRAL; 21H), the timer/event counter control
register (TMRC; 22H), the timer/event counter B
higher order byte register (TMRBH; 23H), the
timer/event counter B lower-order byte register
(TMRBL; 24H), and the RC oscillator type A/D
converter control register (ADCR; 25H). The re-


Similar Part No. - HT47C20L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
   R-F Type Low Voltage 8-Bit Mask MCU
More results

Similar Description - HT47C20L

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com