Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK10057N5-T Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK10057N5-T
Description  MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK10057N5-T Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button HK10057N5-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc HK10057N5-T Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_mlci_pack_e-E03R01
④LEADER AND BLANK PORTION
Blank portion
Chip cavity
Blank portion
Leader
160mm or more
(6.3inches or more)
Direction of tape feed
100mm or more
(3.94inches or more)
400mm or more
(15.7inches or more)
⑤Reel Size
E
C
D
R
B
t
A
W
A
B
C
D
E
R
φ178±2.0
φ50 or more
φ13.0±0.2
φ21.0±0.8
2.0±0.5
1.0
t
W
4mm width tape
1.5max.
5±1.0
8mm width tape
2.5max.
10±1.5
(Unit : mm)
⑥Top tape strength
The top tape requires a peel-off force of 0.1~0.7N in the direction of the arrow as illustrated below.
0~15°
Top tape
Base tape
Pull direction


Similar Part No. - HK10057N5-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK10057N5-T TAIYO-YUDEN-HK10057N5-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK10057N5-T TAIYO-YUDEN-HK10057N5-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
More results

Similar Description - HK10057N5-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK1005R22J-T TAIYO-YUDEN-HK1005R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100582NJ-T TAIYO-YUDEN-HK100582NJ-T Datasheet
186Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10051N0S-T TAIYO-YUDEN-HK10051N0S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10057N5J-T TAIYO-YUDEN-HK10057N5J-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100547NJ-T TAIYO-YUDEN-HK100547NJ-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK06035N6S-T TAIYO-YUDEN-HK06035N6S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK160827NJ-T TAIYO-YUDEN-HK160827NJ-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK1608R22J-T TAIYO-YUDEN-HK1608R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com