Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM351LT Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # SM351LT
Description  Magnetoresistive Sensor ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SM351LT Datasheet(HTML) 4 Page - Honeywell Accelerometers

  SM351LT Datasheet HTML 1Page - Honeywell Accelerometers SM351LT Datasheet HTML 2Page - Honeywell Accelerometers SM351LT Datasheet HTML 3Page - Honeywell Accelerometers SM351LT Datasheet HTML 4Page - Honeywell Accelerometers SM351LT Datasheet HTML 5Page - Honeywell Accelerometers SM351LT Datasheet HTML 6Page - Honeywell Accelerometers SM351LT Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Magnetoresistive Sensor ICs, Nanopower Series
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device.
However, the electrical and mechanical characteristics are not guaranteed as the maximum limits (above
recommended operating conditions) are approached, nor will the device necessarily operate at absolute
maximum ratings.
Table 3. absolute Maximum Ratings
Characteristic
Condition
Min.
Typ.
Max.
unit
Operating temperature
ambient
-40 [-40]
85 [185]
°C [°F]
Soldering temperature
ambient applied for <10 s
265 [509]
°C [°F]
Supply voltage (Vs)
-0.5
5.5
V
Output (load) current
100
150
µA
Figure 1. Block/Electrical diagram
NOTICE
The magnetic field strength (Gauss) required to cause the switch to
change state (operate and release) will be as specified in the magnetic
characteristics. To test the switch against the specified magnetic
characteristics, the switch must be placed in a uniform magnetic field.
NOTICE
These magnetoresistive sensor ICs may have an initial output in
either the ON or OFF state if powered up with an applied magnetic
fieldinthedifferentialzone(appliedmagneticfield>Brpand<Bop).
Honeywellrecommendsallowing10μsforoutputvoltagetostabilize
after supply voltage has reached its final rated value.
Output
Flip
Flop
Clock
Counter
Decoder
AMR
VS+
Gnd-
Dual
Threshold
Comparator
Out
D
Q
0
Table 2. Magnetic Specifications (Vs = 1.65 V to 5.5 V, Ta = -40 °C to 85 °C [-40 °F to 185 °F].)
Characteristic
Min.
Typ.
Max.
unit
SM351LT:
operate (positive)
release (positive)
hysteresis
3
2
*
7
5
2
11
Gauss
SM353LT:
operate (positive)
release (positive)
hysteresis
6
3
*
14
10
4
20
Gauss
*At 1.65 V and -40 °C, the hysteresis can reach 0.1 Gauss.


Similar Part No. - SM351LT

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3515 SHARP-SM3515 Datasheet
38Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results

Similar Description - SM351LT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP212L100-22 SIEMENS-FP212L100-22 Datasheet
217Kb / 5P
   Differential Magnetoresistive Sensor
FP210L100-22 SIEMENS-FP210L100-22 Datasheet
216Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Siemens Semiconductor G...
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com