Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRMS511M Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MRMS511M
Description  AMR Sensors (Magnetic Switches)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MRMS511M Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MRMS511M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
c Package Types; Dimensions (in mm)
+0.15
-0.1
2.9±0.2
0.95
0.95
0.6
0.4
+0.1
-0.05
1.1±0.1
0.3
0 to 0.1
(in mm)
0.16
+0.1
-0.05
2.Gnd
3.Out
1.Vcc
3Pin MM
(Type 2)
1.45±0.1
1.Vcc
3.Out
2.Gnd
0.9±0.15
0.28±0.1
0 to 0.07
0.12
+0.12
-0.05
Max 0.55
(in mm)
Mini
3Pin FLP
(Type 5)
2.0±0.2
Max 0.8
1.Vcc
3.Out
2.Gnd
0.65
0.65
0.3
+0.1
-0.05
0 to 0.05
0.15
+0.1
-0.05
(in mm)
3Pin FLP
(Type 3)
(in mm)
1.5±0.1
1. Gnd
2.Vdd
4.Out1
(*)
3.Out2
(*)
0.3±0.1
Max 0.8
(*) Pin Alignment for MRUS72, MRUS74
1.Gnd 2.Vdd 3.Enable 4.Out
0.7±0.15
0 to 0.05
0.12
+0.12
-0.05
Mini
4Pin FLP
(Type 7)
(in mm)
2.Vcc
3.Out
4.N.C.
1.Gnd
0.35±0.02
0.55±0.05
0 to 0.03
0.25±0.05
0.25±0.05
0.8
1.0±0.1
4
2
1
3
4Pin LLP
(Type 6)
Package Type
Form of Packing
Pcs/Reel
3Pin MM
3Pin FLP
Mini 3Pin FLP
Mini 4Pin FLP
Tape & Reel
3,000
4Pin LLP
Tape & Reel
5,000
Ta=25°C
Part Number
Type/Feature
Power Supply
Current Consumption
Sensitivity*1
PKG Type
Operating
Temp. (°C)
MRSS29DR
Hi-voltage, Hi-speed
3.5 to 30.0V
1.5mA (Vcc12.0V)*2
3.2 mT<*3
3Pin MM
-40 to +85
MRUS72X
Low power, Hi-speed
2.4 to 3.6V
2.5mA (Vcc3.0V)*4
1.5 mT<
Mini 4Pin FLP
-40 to +85
MRUS74X
Ultra low power, Hi-speed
2.0 to 3.6V*5
2.5mA (VIH3.0V)*4
1.5 mT<
Mini 4Pin FLP
-40 to +105
*1 The value indicates Hon sensitivity (Max).
*2 Icc (Max) at Vcc12.0V
*3 Condition: Magnetic field of 2mT is applied to Direction B (Y axis).
*4 Peak current consumption. (Max) Avg. current consumption depends on Vcc/VIH input parameter settings.
*5 Enable voltage (VIH)
c Rotation Sensing [High Performance]; 2-axis(X, Y plane) Field Operation;
S48E.pdf
Oct.18,2013
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - MRMS511M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
More results

Similar Description - MRMS511M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
logo
Infineon Technologies A...
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
   Analog AMR/GMR Angle Sensors
V 2.0 2018-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com