Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPMH38-L0 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MPMH38-L0
Description  Easy Selection Guide For Adhesive Backed Cable Tie Mounts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MPMH38-L0 Datasheet(HTML) 1 Page - PANDUIT CORP.

  MPMH38-L0 Datasheet HTML 1Page - PANDUIT CORP. MPMH38-L0 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*Order Number of Pieces Required in Multiples of Packaging Quantities.
** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, LH = Light Heavy, H = Heavy and HLT denotes TAK-TY ™ Hook & Loop Cable Ties.
Part Number
Used
With
Cable
Ties**
Dimensions Inches (mm)
Material
Color
Where
Used
Mounting
Method
Packaging*
A
B
C
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
TM1S4-C
M
.513
(13.0)
.316
(8.0)
.230
(5.8)
Nylon
Natural
Indoors
#4 (M2.5)
Screw
100
500
1000
5000
TM1S6-C
M
.513
(13.0)
.316
(8.0)
.230
(5.8)
Indoors
#6 (M3)
Screw
100
500
1000
5000
TM2S8-C
M, I, S
.630
(16)
.425
(10.8)
.275
(7.0)
Indoors
#6 (M3)
Screw
100
500
1000
5000
TM3S10-C
M, I, S,
LH
.875
(22.2)
.620
(15.8)
.375
(9.5)
Indoors
#10 (M5)
Screw
100
500
1000
5000
TMEH-S8-Q0
EH, HLT
1.65
(42)
.74
(19)
.61
(15)
Weather
Resistant
Nylon
Black
Outdoors
#8 (M4)
Screw
25
250
100
500
TMEH-S10-Q0
EH, HLT
1.65
(42)
.74
(19)
.61
(15)
Outdoors
#10 (M5)
Screw
25
250
100
500
TMEH-S25-Q0
EH, HLT
1.65
(42)
.74
(19)
.61
(15)
Outdoors
1/4" (M6)
Screw
25
250
100
500
*Order Number of Pieces Required in Multiples of Packaging Quantities.
** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, LH = Light Heavy, H = Heavy and HLM denotes TAK-TY ™ Hook & Loop Cable Ties.
Part Number
Used
With
Cable
Ties**
Dimensions Inches (mm)
Material
Color
Where
Used
Adhesive
Type/Static
Load lbs. (g)
Packaging*
A
B
C
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
ABM1M-A-C
M
.50
(12.7)
.50
(12.7)
.16
(4.0)
Nylon
White
Indoors
Rubber
.13 (59)
100
500
1000
5000
ABM1M-AT-C
M
.50
(12.7)
.50
(12.7)
.16
(4.0)
Nylon
White
Indoors/
High Temp.
Acrylic
.13 (59)
100
500
1000
5000
ABMM-A-C
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
White
Indoors
Rubber
.30 (136)
100
500
500
5000
ABMM-AT-C
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
White
Indoors/
High Temp.
Acrylic
.30 (136)
100
500
500
5000
ABMM-AT-C0
M, I
.75
(19.1)
.75
(19.1)
.18
(4.6)
ABS
Black
Outdoors/
High Temp.
Acrylic
.30 (136)
100
500
500
5000
ABM2S-A-C
M, I, S
1.00
(25.4)
1.00
(25.4)
.20
(5.1)
ABS
White
Indoors
Rubber
.50 (227)
100
500
500
5000
ABM2S-AT-C
M, I, S
1.00
(25.4)
1.00
(25.4)
.20
(5.1)
ABS
White
Indoors/
High Temp.
Acrylic
.50 (227)
100
500
500
5000
ABM100-A-C
M, I, S
1.00
(25.4)
1.00
(25.4)
.24
(6.1)
Nylon
White
Indoors
Rubber
.50 (227)
100
500
500
5000
ABM100-AT-C0
M, I, S
1.00
(25.4)
1.00
(25.4)
.24
(6.1)
Nylon
Black
Outdoors/
High Temp.
Acrylic
.50 (227)
100
500
500
5000
ABM112-A-C
M, I, S
1.12
(28.6)
1.12
(28.6)
.16
(4.2)
Nylon
White
Indoors
Rubber
.63 (286)
100
500
500
5000
ABM112-AT-C
M, I, S
1.12
(28.6)
1.12
(28.6)
.16
(4.2)
Nylon
White
Indoors/
High Temp.
Acrylic
.63 (286)
100
1000
500
5000
ABM112-AT-C0
M, I, S
1.12
(28.6)
1.12
(28.6)
.16
(4.2)
Nylon
Black
Outdoors/
High Temp.
Acrylic
.63 (286)
100
1000
500
5000
ABM3H-A-L
M, I, S
LH, H, HLM
1.50
(38.1)
1.50
(38.1)
.25
(6.4)
Nylon
White
Indoors
Rubber
1.12 (508)
50
500
200
1000
ABM3H-AT-L
M, I, S
LH, H, HLM
1.50
(38.1)
1.50
(38.1)
.25
(6.4)
Nylon
White
Indoors/
High Temp.
Acrylic
1.12 (508)
50
500
200
1000
ABM4H-A-L
M, I, S
LH, H, HLM
2.00
(50.8)
2.00
(50.8)
.25
(6.4)
Nylon
White
Indoors
Rubber
1.12 (508)
50
500
200
1000
ABM4H-AT-L
M, I, S
LH, H, HLM
2.00
(50.8)
2.00
(50.8)
.25
(6.4)
Nylon
White
Indoors/
High Temp.
Acrylic
1.12 (508)
50
500
200
1000
ABM1M-A
ABM1M-AT
ABM3H
ABM4H
Easy Selection Guide For
Adhesive Backed Cable Tie Mounts
ABM100
ABM112
Tie Mounts
Mechanically Applied
ABM2S
ABMM-A
ABMM-AT
TM
TMEH
Panduit Corp.
17301 Ridgeland Avenue
Tinley Park, IL 60477-3091
Phone: 888-506-5400 Ext. 7346
Fax: 770-781-9076
Email: info@panduit.com
Website: www.panduit.com


Similar Part No. - MPMH38-L0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPM VISHAY-MPM Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
logo
MicroPower Direct, LLC
MPM-01SV-03 MPD-MPM-01SV-03 Datasheet
295Kb / 2P
   Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-05 MPD-MPM-01SV-05 Datasheet
295Kb / 2P
   Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-09 MPD-MPM-01SV-09 Datasheet
295Kb / 2P
   Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
More results

Similar Description - MPMH38-L0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LC5-A-C8 PANDUIT-LC5-A-C8 Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
FCM1-A-C14 PANDUIT-FCM1-A-C14 Datasheet
488Kb / 8P
   Adhesive Backed Mounts and Devices Features and Benefits
CT-1014 PANDUIT-CT-1014 Datasheet
1Mb / 2P
   Easy Selection Guide for Pan-Term Terminals
logo
List of Unclassifed Man...
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
   Adhesive Backed Nylon Cable Clips
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
   ADHESIVE BACKED MOUNT
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
   ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
   ADHESIVE BACKED MOUNT
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
   Tak-Ty Hook Loop Cable Tie Mounts
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com