Electronic Components Datasheet Search |
|
LPMM-S2-C Datasheet(PDF) 2 Page - PANDUIT CORP. |
|
LPMM-S2-C Datasheet(HTML) 2 Page - PANDUIT CORP. |
2 / 2 page MPMH Can be used where only one side of the panel is accessible. *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard. Part Number Used With Cable Ties** Dimensions Inches (mm) Panel Dimensions Material Color Where Used Mounting Method Packaging* Thickness Max. Hole Diameter Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. PM2H25-C M, I, S See Drawing .125 (3.2) .250 (6.4) Nylon Natural Indoors Inserted into pre-drilled hole 100 500 1000 5000 Push Mounts Designed for use where both sides of the panel are accessible. *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard. Part Number Used With Cable Ties** Dimensions Inches (mm) Panel Dimensions Material Color Where Used Mounting Method Packaging* Thickness Max. Hole Diameter Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. PBMS-H25-C M, I, S See Drawing .125 (3.2) .250 (6.4) Nylon Natural Indoors Inserted into pre-drilled hole 100 500 1000 5000 Push Mount Push Button Mount Low profile, versatile mount for applications where space is limited. *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard. Part Number Used With Cable Ties** Dimensions Inches (mm) Material Color Where Used Mounting Method Packaging* A B C D Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. TA1S8-C M, I, S .75 (19.1) .375 (9.5) .195 (5.0) .170 (4.3) Nylon Natural Indoors #8 (M4) Screw 100 500 1000 5000 Tie Anchor Mounts Designed to secure wire bundles where space is limited. *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard. Part Number Used With Cable Ties** Dimensions Inches (mm) Material Color Where Used Mounting Method Packaging* A B C D Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. LPMM-S2-C M .40 (10.2) .32 (8.1) .10 (2.5) .0961 (2.4) Nylon Natural Indoors #2 (M2) Flat- head Screw 100 1000 1000 10,000 LPMM-S5-C M .40 (10.2) .32 (8.1) .10 (2.5) .1372 (3.5) Indoors #5 (M3) Flat- head Screw 100 1000 1000 10,000 LPMS-S8-C M, I, S .75 (19.1) .50 (12.7) .12 (3.0) .1802 (4.6) Indoors #8 (M4) Flat- head Screw 100 1000 1000 5000 Low Profile Mounts LPMM LPMS Knock-In Low Profile Mounts Used to secure wire, cable or tubing to masonry surfaces. *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, LH = Light Heavy, H = Heavy and HLM denotes TAK-TY ™ Hook & Loop Cable Ties. Part Number Used With Cable Ties** Dimensions Inches (mm) Hole Dimensions Material Color Where Used Mounting Method Packaging* A B C Drill Depth Hole Diameter Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. MPMS25-C0 M, I, S .97 (24.6) .25 (6.4) .22 (5.6) 1.25 (31.8) .250 (6.4) Weather- Resistant Nylon Black Outdoors or Indoors Inserted into Pre-Drilled Hole 100 500 1000 5000 MPMH38-L0 M, I, S, LH, H, HLM 1.25 (31.8) .30 (7.5) .38 (9.6) 1.50 (38.1) .375 (10) 50 500 500 5000 Secures wires to any pre-drilled panel. *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard. Part Number Used With Cable Ties** A Dimensions Inches (mm) Hole Size Material Color Where Used Mounting Method Packaging* Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. KIMS-H366-C2 M, I, S .155 (3.9) See Drawing .144 (3.7) Nylon Red Indoors Integral Push Rivet 100 500 1000 5000 KIMS-H430-C6 M, I, S .180 (4.6) See Drawing .169 (4.3) Nylon Blue Indoors Integral Push Rivet 100 1000 1000 5000 KIMS-H500-C4 M, I, S .202 (5.1) See Drawing .196 (5.0) Nylon Yellow Indoors Integral Push Rivet 100 500 1000 5000 Masonry Push Mounts MPMS SA102N90-WA PBMS KIMS PM2H25 TA1 |
Similar Part No. - LPMM-S2-C |
|
Similar Description - LPMM-S2-C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |