Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFH250603 Datasheet(PDF) 3 Page - Littelfuse

Part # LFH250603
Description  LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFH250603 Datasheet(HTML) 3 Page - Littelfuse

  LFH250603 Datasheet HTML 1Page - Littelfuse LFH250603 Datasheet HTML 2Page - Littelfuse LFH250603 Datasheet HTML 3Page - Littelfuse LFH250603 Datasheet HTML 4Page - Littelfuse LFH250603 Datasheet HTML 5Page - Littelfuse LFH250603 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Littelfuse.com
POWR-GARD® Blocks and Holders Datasheet
3 of 6
© 2013 Littelfuse POWR-GARD® Products
Rev: 011513
CLaSS H/K5 and r FuSe bLoCKS
31.9
[1.26]
28.6 [1.13]
48.5 [1.91]
6.8 [.27]
74.7 [2.94]
40.1 [1.58]
8.4
[.33]
5.6 [.22]
R2.8 [.11]
TYP
.2 THRU
R2.8 [.11]
TYP
76.5
[3.01]
3.6 [.14]
38.2
[1.51]
44.6
[1.76]
4.8 [.19]
13.0 [.51]
15.6 [.61]
23.8 [.94]
16.3 [.64]
32.2 [1.27]
15.9 [.63]
31.8 [1.25]
42.9 [1.69]
119.7 [4.71]
37.3 [1.47]
70.7 [2.78]
104.1 [4.10]
57.4 [2.26]
24.9 [.98]
R2.8 [.11]
TYP
43.9 [1.73]
75.7 [2.98]
9.7 [.38]
14.8 [.58]
22.4 [.88]
55.8 [2.20]
43.1 [1.70]
5.5 [.21]
89.2 [3.51]
76.5 [3.01]
177.8 [7.00]
46.0 [1.81]
126.3 [4.97]
66.0 [2.60]
22.9 [.90]
R3.4 [.13]
TYP
53.6 [2.11]
72.6 [2.86]
133.0 [5.23]
11.3 [.45]
20.3 [.80]
34.7 [1.37]
60.5 [2.38]
100.6 [3.96]
51.5 [2.03]
91.6 [3.61]
250 V 30 A
250 V 60 A
250 V 100 A
Dimensions mm (inches)


Similar Part No. - LFH250603

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH250603 LITTELFUSE-LFH250603 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
More results

Similar Description - LFH250603

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
   LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com