Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFJ600601CID Datasheet(PDF) 6 Page - Littelfuse

Part # LFJ600601CID
Description  LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFJ600601CID Datasheet(HTML) 6 Page - Littelfuse

  LFJ600601CID Datasheet HTML 1Page - Littelfuse LFJ600601CID Datasheet HTML 2Page - Littelfuse LFJ600601CID Datasheet HTML 3Page - Littelfuse LFJ600601CID Datasheet HTML 4Page - Littelfuse LFJ600601CID Datasheet HTML 5Page - Littelfuse LFJ600601CID Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Littelfuse.com
POWR-GARD® Blocks and Holders Datasheet
6 of 6
© 2013 Littelfuse POWR-GARD® Products
Rev: 011513
CLaSS H/K5 and r FuSe bLoCKS
244.3
[9.62]
76.2 [3.00]
12.7 [.50]
52.3
[2.06]
84.2
[3.32]
228.6 [9.00]
12.7 [.50]
31.8 [1.25]
Ø.3 THRU
Ø.3 THRU
Ø.3 THRU
Ø.3 THRU
Ø.8 .4
R4.3 [.17]
TYP.
52.3
[2.06]
72.4
[2.85]
15.9
[.63]
160.1
[6.31]
192.0
[7.56]
63.5 [2.50]
44.5 [1.75]
63.5 [2.50]
165.1 [6.50]
76.7
[3.02]
84.1
[3.31]
160.3
[6.31]
196.9 [7.75]
Ø.7 .4
Ø.8 .4
88.9 [3.50]
368.3
[14.50]
15.9 [.63]
22.2 [.88]
95.3
[3.75]
146.1
[5.75]
266.7 [10.50]
15.9 [.63]
84.4 [3.32]
15.9 [.63]
222.3
[8.75]
273.1
[10.75]
66.7 [2.63]
73.0 [2.88]
250.8 [9.88]
Ø.8 .4
Ø.3 THRU
114.3 [4.50]
431.8
[17.00]
19.1 [.75]
114.3
[4.50]
177.8
[7.00]
317.5 [12.50]
110.6 [4.36]
15.9 [.63]
254.0
[10.00]
34.9 [1.38]
79.4 [3.13]
95.3 [3.75]
19.1 [.75]
298.5 [11.75]
Ø.8 .4
Ø.3 THRU
Ø.6 .4
Ø.3 THRU
600 V 200 A
600 V 400 A
600 V 600 A
Dimensions mm (inches)


Similar Part No. - LFJ600601CID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LFJ600601CID-HX LITTELFUSE-LFJ600601CID-HX Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
More results

Similar Description - LFJ600601CID

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
   LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com