Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPXLF196-20 Datasheet(PDF) 2 Page - Fox Electronics

Part # FPXLF196-20
Description  Plastic Encased SMD Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FPXLF196-20 Datasheet(HTML) 2 Page - Fox Electronics

  FPXLF196-20 Datasheet HTML 1Page - Fox Electronics FPXLF196-20 Datasheet HTML 2Page - Fox Electronics FPXLF196-20 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
37
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Plastic Encased SMD Crystal
Rev. 5/5/2014
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FPXLF
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FPXLF
A
1.5
B
4.0
C
12.0
D
11.5
E
24.0
F
5.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
13
I
21
J
100
K
250
L
25.5
M
2.0
MODEL
FPXLF
• FPXLF Standard Crystals
Frequency
3.579545
3.686400
3.686400
4.000000
4.915200
7.372800
8.000000
8.000000
10.000000
11.059200
12.000000
16.000000
16.000000
20.000000
25.000000
CL
18pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
Part Number
FPXLF036S
FPXLF0368S
FPXLF0368-20
FPXLF040
FPXLF049-20
FPXLF073-20
FPXLF080
FPXLF080-20
FPXLF100-20
FPXLF115-20
FPXLF120-20
FPXLF160
FPXLF160-20
FPXLF200-20
FPXLF250F-20
All specifications subject to change without notice.
Tolerance
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Stability
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C


Similar Part No. - FPXLF196-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FPXLF100-20 FOX-FPXLF100-20 Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF100-20 FOX-FPXLF100-20 Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
FPXLF100-20 FOX-FPXLF100-20 Datasheet
437Kb / 3P
   Plastic Encased SMD Crystal
FPXLF115-20 FOX-FPXLF115-20 Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF115-20 FOX-FPXLF115-20 Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
More results

Similar Description - FPXLF196-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FPXLF FOX-FPXLF Datasheet
157Kb / 2P
   Plastic Encased SMD Crystal
FPX FOX-FPX Datasheet
77Kb / 1P
   PLASTIC ENCASED SMD CRYSTAL
FPXLF040 FOX-FPXLF040 Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF250F-20 FOX-FPXLF250F-20 Datasheet
437Kb / 3P
   Plastic Encased SMD Crystal
FPXLF073 FOX-FPXLF073 Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
FK10000 FOX-FK10000 Datasheet
33Kb / 1P
   TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
FK FOX-FK Datasheet
38Kb / 1P
   TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
logo
Crystek Corporation
CMD4A CRYSTEKCRYSTAL-CMD4A Datasheet
56Kb / 1P
   Replacement for Plastic SMD Crystal
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2_08 Datasheet
194Kb / 2P
   MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
01.11.08
ABSM2 ABRACON-ABSM2_15 Datasheet
1Mb / 2P
   MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
10.23.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com