Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6543 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6543
Description  Power Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6543 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6543 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N6543
Features
Intended for high voltage,fast switching applications
With TO-3 package
Absolute Maximum Ratings Tc=25
SYMBOL
PARAMETER
RATING
UNIT
V
CBO
Collector to base voltage
850
V
V
CEO
Collector to emitter voltage
400
V
V
EBO
Emitter to base voltage
9.0
V
I
CP
Peak collector current
16
A
I
C
Collector current
5.0
A
P
C
Collector power dissipation
100
W
T
j
Junction temperature
200
T
stg
Storage temperature
-65~200
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CBO
Collector-base cut-off current
V
CB=850V,VBE=0
0.5
mA
I
EBO
Emitter-base cut-off current
V
EB =9V; IC=0
1.0
mA
I
CEO
Collector-emitter cut-off current
V
CBO
Collector-base breakdown voltage
V
(BR)CEO
Collector-emitter breakdown voltage
I
C=100mA,IB=0
400
V
V
EBO
Emitter-base breakdown voltage
V
CEsat-1
Collector-emitter saturation voltages
I
C =5A; IB =1A
1.5
V
V
CEsat-2
Collector-emitter saturation voltages
I
C =8A; IB =2A
5.0
V
V
CEsat-3
Collector-emitter saturation voltages
V
CEsat-4
Collector-emitter saturation voltages
h
FE-1
Forward current transfer ratio
I
C=2.5A,VCE=3V
12
60
h
FE-2
Forward current transfer ratio
I
C=5A,VCE=3V
7.0
35
h
FE-3
Forward current transfer ratio
h
FE-4
Forward current transfer ratio
V
BE(sat)1
Base-emitter saturation voltages
I
C =5A; IB =1A
1.6
V
V
BE(sat)2
Base-emitter saturation voltages
V
BE(sat)3
Base-emitter saturation voltages
f
T
Transition frequency at f = 1MHz
I
C=0.3A,VCE=10V
6.0
24
MHz
t
f
Fall time
t
s
Tum-off storage time
Electrical Characteristics Tc=25
Silicon NPN Transistors
TO-3
www.jmnic.com
Power Transistors
JMnic


Similar Part No. - 2N6543

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6543 MOSPEC-2N6543 Datasheet
209Kb / 4P
   POWER TRANSISTORS(5A,100W)
logo
Boca Semiconductor Corp...
2N6543 BOCA-2N6543 Datasheet
216Kb / 4P
   SWCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6543 CENTRAL-2N6543 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
Savantic, Inc.
2N6543 SAVANTIC-2N6543 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Silicon NPN Transistors
More results

Similar Description - 2N6543

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com