Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA005-02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AA005-02
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AA005-02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AA005-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 10Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 11Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 12Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 13Page - List of Unclassifed Manufacturers AA005-02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAV Sensors
- 21 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
The end user must apply a saturating magnetic field (30 to 200 Oersteds) in the plane of the sensor in
order for the sensor to operate. The movable layer will align with the applied magnetic field. As the
applied field changes direction the angle between the movable layer and the pinned layer changes,
resulting in a change of resistance in the device. A graph of the device resistance vs. the angle between
the pinned layer and the movable layer is shown below:
Four individual sensor resistors are supplied in the package, each with the pinned layer rotated 90º with
respect to that of the previous sensor. These resistors can be connected in two half-bridge
configurations to provide a sine and cosine output or monitored individually to provide an absolute
indication of the angle between the pinned layer and the movable layer.
Resistance Change of Spin Valve
Sensor Element
1420
1430
1440
1450
1460
1470
1480
1490
1500
1510
1520
090
180
270
360
Angle Between Pinned and Movable Layers


Similar Part No. - AA005-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA005-02 RHOPOINT-AA005-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA005-02 ETC2-AA005-02 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
NVE Corporation
AA005-02 NVE-AA005-02 Datasheet
378Kb / 2P
   Proximity Sensing
More results

Similar Description - AA005-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA004-00E ETC2-AA004-00E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com