Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT12E Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT12E
Description  Series of Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT12E Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E Datasheet HTML 9Page - Holtek Semiconductor Inc HT12E Datasheet HTML 10Page - Holtek Semiconductor Inc HT12E Datasheet HTML 11Page - Holtek Semiconductor Inc HT12E Datasheet HTML 12Page - Holtek Semiconductor Inc HT12E Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
· Error: The IC¢s power source is activated by pins AD8~AD11
Flowchart
· HT12A
· HT12E
Note: D8~D11 are transmission enables of the HT12A.
TE is the transmission enable of the HT12E.
HT12A/HT12E
10
April 11, 2000
HT 1 2 E
OS C 2
OS C 1
VS S
TE
VD D
12V
AD 1 1
AD 1 0
AD 9
AD 8
S t andby m ode
D a t a enabl e?
No
No
D a t a w it h c a r r ie r
s e r i a l out put
D a t a s t i l l enabl ed ?
L/ M B = G N D ?
S end t h e
l a s t c o d e
No
Ye s
Ye s
Ye s
S end ² 1 ² 7 t i m e s fo r
al l of t he da t a c odes
Po w e r o n
S t andby m ode
T r ans m i s s i on
enab l e d ?
No
No
Ye s
Ye s
4 da t a w or ds
t r ans m i t t ed
T r ans m i s s i on
s t ill enabl ed
4 da t a w or ds
t r ans m i t t ed
c ont i n u ous l y
Po w e r o n


Similar Part No. - HT12E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12E HOLTEK-HT12E Datasheet
165Kb / 14P
   212 Series of Encoders
HT12E2T3 HOLTEK-HT12E2T3 Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
HT12E2T4 HOLTEK-HT12E2T4 Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
More results

Similar Description - HT12E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
   212 Series of Encoders
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
   318 Series of Encoders
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
   312 Series of Encoders
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
   312 Series of Encoders
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
   318 Series of Encoders
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
   3(18) Series of Encoders
logo
KODENSHI_AUK CORP.
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
   ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
   ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
   ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
   ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com