Electronic Components Datasheet Search |
|
HT1132A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
HT1132A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
3 / 11 page ♦ The player’s space shuttles consist of three types. In accordance with the different weapon equipments, there are three kinds of laser beams ( α, β, γ). Τhe energy propor- tion is 1:2:4. Enemy’s space shuttles are also equipped with α, β, γ laser beams. Their energy proportion is 1:2:4. For example, de- stroying the enemy’s space shuttle “ ” needs to fire either β once or α twice, while γ could penetrate it. Energy contrast table is shown as follows: ♦ At the major stage, if the space shuttle is hit three times, then the game is over. In such circumstances, if the START/ON or OFF key is not pressed within 4 seconds, the game goes into free-run mode. The free-run mode’s auto power-off timer can be set by adjusting the PPO switch of port P to 1 for a 4-minute time-out or to 0 for a 2-minute time-out. ♦ During the game, the enemy’s spacecraft, the player’s laser fire, and destructive sounds are all accompanied by their corre- sponding sound effects. A melody is played to celebrate the rise to a new level when the the last level has been successfully com- pleted. When the game is finally over, there is finale. ♦ The highest score can always be saved un- less the power is turned off. Pressing the RESET key can clear the highest score.) • MODE2 ♦ To enter mode 2 press the RIGHT key and hold it down, and then press the START/ON key. ♦ Once in MODE 2, the highest score is shown and a START melody is played. At this mo- ment, the Enemy’s space shuttle will quickly shift from left to right, up to down. The player can shift the space shuttle and fire laser beams. When the target is hit, 50 bonus points are awarded and a jubilant music is played. When the target has been missed, regret music is on. ♦ There are sixteen opportunities to shoot. Each shot is worth 50 points, hence the maximum score is 800. The highest score can be saved. After the 16th shot, the game ends and goes into free run mode. At this time, power is automatically switched off after 16 DEMO MODE. The path of the enemy’s space shuttle • X2P ♦ X3P— X4P— X5P ♦ W3P—Y4P— Z5P ♦ W3P—X4P— W5P ♦ W3P—Y4P— W5P • X2P ♦ X3P— W4P— W5P ♦ X3P— W4P— X5P ♦ Y3P— W4P— X5P ♦ Y3P— W4P— Y5P • X2P ♦ Y3P— Y4P— Y5P ♦ W3P— X4P— W5P ♦ Z3P— Y4P— W5P ♦ Z3P— Y4P— Z5P • X2P ♦ Z3P— Z4P— Z5P ♦ Y3P— W4P— X5P ♦ Y3P— W4P— Y5P HT1132A 3 17th Nov ’98 |
Similar Part No. - HT1132A |
|
Similar Description - HT1132A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |