Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17431VP Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HA17431VP
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17431VP Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HA17431VP Datasheet HTML 2Page - Hitachi Semiconductor HA17431VP Datasheet HTML 3Page - Hitachi Semiconductor HA17431VP Datasheet HTML 4Page - Hitachi Semiconductor HA17431VP Datasheet HTML 5Page - Hitachi Semiconductor HA17431VP Datasheet HTML 6Page - Hitachi Semiconductor HA17431VP Datasheet HTML 7Page - Hitachi Semiconductor HA17431VP Datasheet HTML 8Page - Hitachi Semiconductor HA17431VP Datasheet HTML 9Page - Hitachi Semiconductor HA17431VP Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
HA17431 Series
Rev.1, Sep. 2002, page 4 of 24
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
HA17431VLP
HA17431VP
HA17431VPJ
Unit
Notes
Cathode voltage
V
KA
16
16
16
V
1
PS term. voltage
V
PS
V
KA to 16
V
1,2,3
Continuous
cathode current
I
K
–50 to +50
–50 to +50
–50 to +50
mA
Reference input
current
Iref
–0.05 to +10
–0.05 to +10
–0.05 to +10
mA
Power dissipation
P
T
150 *
4
500 *
5
500 *
5
mW
4, 5
Operating
temperature
range
Topr
–20 to +85
–20 to +85
–40 to +85
°C
Storage
temperature
Tstg
–55 to +150
–55 to +150
–55 to +150
°C
Item
Symbol
HA17431VUP/HA17432VUP
HA17431VLTP/HA17432VLTP
Unit
Notes
Cathode voltage
V
KA
16
16
V
1
PS term. voltage
V
PS
V
1,2,3
Continuous
cathode current
I
K
–50 to +50
–50 to +50
mA
Reference input
current
Iref
–0.05 to +10
–0.05 to +10
mA
Power dissipation
P
T
800 *
8
150 *
4
mW
4, 8
Operating
temperature
range
Topr
–20 to +85
–20 to +85
°C
Storage
temperature
Tstg
–55 to +150
–55 to +150
°C
Item
Symbol
HA17431PNA
HA17431P/PA
HA17431FP/FPA
HA17431UA/UPA/
HA17432UA/UPA
Unit
Notes
Cathode voltage
V
KA
40
40
40
40
V
1
Continuous
cathode current
I
K
–100 to +150
–100 to +150
–100 to +150
–100 to +150
mA
Reference input
current
Iref
–0.05 to +10
–0.05 to +10
–0.05 to +10
–0.05 to +10
mA
Power dissipation
P
T
500 *
5
800 *
6
500 *
7
800 *
8
mW
5,6,7,8
Operating
temperature
range
Topr
–20 to +85
–20 to +85
–20 to +85
–20 to +85
°C
Storage
temperature
Tstg
–55 to +150
–55 to +150
–55 to +125
–55 to +150
°C


Similar Part No. - HA17431VP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431VP HITACHI-HA17431VP Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
HA17431VP HITACHI-HA17431VP Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
logo
Renesas Technology Corp
HA17431VP RENESAS-HA17431VP Datasheet
246Kb / 20P
   Shunt Regulato
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
More results

Similar Description - HA17431VP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6413258F10V RENESAS-HD6413258F10V Datasheet
1Mb / 301P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17358A-E RENESAS-HA17358A-E Datasheet
125Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
List of Unclassifed Man...
E702360_SH7058 ETC-E702360_SH7058 Datasheet
2Mb / 321P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
2SK3235 RENESAS-2SK3235 Datasheet
69Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
List of Unclassifed Man...
HA16129AFPJ ETC-HA16129AFPJ Datasheet
151Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HD6473228P10V RENESAS-HD6473228P10V Datasheet
1Mb / 301P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com