Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0414A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # PF0414A
Description  MOS FET Power Amplifier Module for DCS 1800 Handy Phone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0414A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  PF0414A Datasheet HTML 1Page - Hitachi Semiconductor PF0414A Datasheet HTML 2Page - Hitachi Semiconductor PF0414A Datasheet HTML 3Page - Hitachi Semiconductor PF0414A Datasheet HTML 4Page - Hitachi Semiconductor PF0414A Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PF0414A
3
40
−30
−20
−10
0
−40
−50
0
0.5
2.0
3.0
20
30
10
1.0
2.5
Apc Voltage VAPC (V)
Pout vs.VAPC
1.5
Vdd = 4.8 V
Pin = 3 dBm
Rg = R1 = 50
Tc = 25
°C
1710 MHz
1785 MHz
50
45
20
15
10
5
0
0
0.5
2.0
3.0
40
35
30
25
1.0
2.5
VAPC (V)
η
T vs. VAPC
1.5
Vdd = 4.8 V
Pin = 3 dBm
Rg = R1 = 50
Tc = 25
°C
1710 MHz
1785 MHz


Similar Part No. - PF0414A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0414 HITACHI-PF0414 Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
More results

Similar Description - PF0414A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0027 HITACHI-PF0027 Datasheet
287Kb / 7P
   MOS FET Power Ampllfier Module for E-TACS Handy Phone
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com