Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-54036NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-54036NL
Description  Toroid - Designed for Nationals 150kHz Simple Switcher
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-54036NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-54036NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-54036NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
79
SPM2007 (2/08)
In Circuit Operating Parameters 1
Package
Pulse 6
Pulse 5,6
National
Nominal
Rated
Max 2
Nominal
THT Part
SMT Part
Part
Inductance
Current
ETOP
DCR
Through
Surface
Lead
Number
Number
Number
(µH)
(ADC)
(V-µSec)
(
Ω)
Hole
Mount
Diameter
PE-53801NL
PE-53801SNL
LM259X-L1
259
0.13
23.1
3.4
LP-25
LCI-20
PE-53802NL
PE-53802SNL
LM259X-L2
178
0.16
16.5
2.8
LP-25
LCI-20
PE-53803NL
PE-53803SNL
LM259X-L3
118
0.2
13.2
1.8
LP-25
LCI-20
PE-53804NL
PE-53804SNL
LM259X-L4
79
0.25
9.9
1.5
LP-25
LCI-20
PE-53805NL
PE-53805SNL
LM259X-L5
55
0.3
6.6
1.0
LP-25
LCI-20
PE-53806NL
PE-53806SNL
LM259X-L6
39
0.34
6.6
.80
LP-25
LCI-20
PE-53807NL
PE-53807SNL
LM259X-L7
26
0.45
6.6
.62
LP-25
LCI-20
PE-53808NL
PE-53808SNL
LM259X-L8
374
0.2
75.9
2.7
LP-30
LCI-30
PE-53809NL
PE-53809SNL
LM259X-L9
256
0.25
33
2.2
LP-30
LCI-30
PE-53810NL
PE-53810SNL
LM259X-L10
176
0.3
26.4
1.4
LP-30
LCI-30
PE-53811NL
PE-53811SNL
LM259X-L11
118
0.38
19.8
1.2
LP-30
LCI-30
PE-53812NL
PE-53812SNL
LM259X-L12
78
0.46
16.5
0.8
LP-30
LCI-30
PE-53813NL
PE-53813SNL
LM259X-L13
55
0.56
13.2
0.5
LP-30
LCI-30
PE-53814NL
PE-53814SNL
LM259X-L14
39
0.68
9.9
0.3
LP-30
LCI-30
PE-53815NL
PE-53815SNL
LM259X-L15
26
0.84
6.6
0.2
LP-30
LCI-30
PE-53816NL
PE-53816SNL
LM259X-L16
17
1.02
6.6
0.1
LP-30
LCI-30
PE-53817NL
PE-53817SNL
LM259X-L17
375
0.36
75.9
1.3
LP-37
LCI-37
PE-53818NL
PE-53818SNL
LM259X-L18
252
0.44
49.5
0.9
LP-37
LCI-37
PE-53819NL
PE-53819SNL
LM259X-L19
173
0.54
36.3
0.6
LP-37
LCI-37
PE-53820NL
PE-53820SNL
LM259X-L20
115
0.67
29.7
0.4
LP-37
LCI-37
PE-53821NL
PE-53821SNL
LM259X-L21
78
0.82
23.1
0.3
LP-37
LCI-37
PE-53822NL
PE-53822SNL
LM259X-L22
54
1.0
16.5
0.2
LP-37
LCI-37
PE-53823NL
PE-53823SNL
LM259X-L23
38
1.2
13.2
0.1
LP-37
LCI-37
PE-53824NL
PE-53824SNL
LM259X-L24
26
1.48
9.9
0.1
LP-37
LCI-37
PE-53825NL
PE-53825SNL
LM259X-L25
18
1.81
9.9
0.06
LP-37
LCI-37
PE-53826NL
PE-53826SNL
LM259X-L26
377
0.68
75.9
1.0
LP-44
LCI-44
PE-53827NL
PE-53827SNL
LM259X-L27
248
0.83
72.6
0.6
LP-44
LCI-44
PE-53828NL
PE-53828SNL
LM259X-L28
168
1.02
56.1
0.4
LP-44
LCI-44
PE-53829NL
PE-53829SNL
LM259X-L29
112
1.26
42.9
0.3
LP-44
LCI-44
PE-53830NL
PE-53830SNL
LM259X-L30
77
1.54
33
0.2
LP-44
LCI-44
PE-53831NL
PE-53831SNL
LM259X-L31
53
1.87
26.4
0.13
LP-44
LCI-44
PE-53932NL
PE-53932SNL
LM259X-L32
37
2.24
19.8
0.10
LP-44
LCI-44
PE-53933NL
PE-53933SNL
LM259X-L33
24
2.74
16.5
0.07
LP-44
LCI-44
PE-53934NL
PE-53934SNL
LM259X-L34
17
3.0
13.2
0.05
KM-1.0
LCI-44
.023
PE-53935NL
PE-53935SNL
LM259X-L35
250
1.5
72.6
0.23
KM-3.0
HCI-68
.023
PE-54036NL
PE-54036SNL
LM259X-L36
168
1.81
75.9
0.18
KM-3.0
HCI-68
.023
PE-54037NL
PE-54037SNL
LM259X-L37
114
2.22
62.7
0.10
KM-3.0
HCI-68
.025
PE-54038NL
PE-54038SNL
LM259X-L38
77
2.7
52.8
0.09
KM-3.0
HCI-68
.025
PE-54039NL
PE-54039SNL
LM259X-L39
53
3.0
42.9
0.08
KM-3.0
HCI-68
.025
PE-54040NL
PE-54040SNL
LM259X-L40
38
3.0
29.7
0.05
KM-3.0
HCI-68
.028
PE-54041NL
PE-54041SNL
LM259X-L41
25
3.0
19.8
0.04
KM-2.0
LCI-50
.028
PE-54042NL
LM259X-L42
167
2.5
75.9
0.14
KM-4.0
.028
PE-54043NL
LM259X-L43
121
3.0
75.9
0.09
KM-4.0
.031
PE-54044NL
PE-54044SNL
LM259X-L44
77
3.0
59.4
0.08
KM-3.0
HCI-68
.025
PE-53900NL
LM258X-L
19
4.5
323
0.02
KM-3.0
.035
Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C 7
NOTES:
1. Inductance values may vary ±20%.
2. ETop rated at 150kHz except where designated.
3. ETop rated at 100kHz.
4. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corp.
5. For SMT parts, optional Tape & Reel packaging can be ordered by addin a
"T" suffix to the part number (i.e. PE-53801SNL becomes PE-53801SNLT).
Pulse complies to industry standard tape and reel specification EIA481.
Tested and recommended by National
Semiconductor
Base material meets flammability
requirements of UL 94V-0
Available in surface mount and through
hole versions
THT/SMT POWER INDUCTORS
Toroid - Designed for National’s 150kHz
Simple Switcher
6. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suf-
fixed parts are not necessarily RoHS compliant, but are electrically and
mechanically equivalent to NL versions. If a part number does not have
the "NL" suffix, but an RoHS compliant version is required, please con-
tact Pulse for availability.
7. The temperature of the component (ambient plus temperature rise) must
be within the stated operating temperature range.


Similar Part No. - PE-54036NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-54036NL PULSE-PE-54036NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54036NL PULSE-PE-54036NL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-54036NL PULSE-PE-54036NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54036NL PULSE-PE-54036NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-54036NL PULSE-PE-54036NL Datasheet
118Kb / 3P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
More results

Similar Description - PE-54036NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_46 Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
PE-53933SNLT PULSE-PE-53933SNLT Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53801NL PULSE-PE-53801NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53116NL PULSE-PE-53116NL Datasheet
630Kb / 2P
   Inductors Designed for Nationals 50 kHz Simple Switcher
PE-54036S PULSE-PE-54036S Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53113NL PULSE-PE-53113NL Datasheet
630Kb / 2P
   Inductors Designed for Nationals 50 kHz Simple Switcher
PE-54037S PULSE-PE-54037S Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54040S PULSE-PE-54040S Datasheet
118Kb / 3P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53819 PULSE-PE-53819 Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
P0849 PULSE-P0849 Datasheet
126Kb / 2P
   Toroid - Designed for National?셲 260kHz Simple Switcher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com