Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR3640H85 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DCR3640H85
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR3640H85 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DCR3640H85 Datasheet HTML 1Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 2Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 3Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 4Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 5Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 6Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 7Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 8Page - Dynex Semiconductor DCR3640H85 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DCR3640H85
Phase Control Thyristor
Preliminary Information
DS6140-2 October 2014 (LN32030)
1/10
www.dynexsemi.com
FEATURES
Double Side Cooling
High Surge Capability
APPLICATIONS
Bridge Rectifiers
High Voltage Power Supplies
Motor Drives
VOLTAGE RATINGS
Part and
Ordering
Number
Repetitive Peak
Voltages
VDRM and VRRM
V
Conditions
DCR3640H85*
DCR3640H80
DCR3640H75
8500
8000
7500
Tvj = -40°C to 125°C,
IDRM = IRRM = 600mA,
VDRM, VRRM tp = 10ms,
VDSM & VRSM =
VDRM & VRRM + 100V
respectively
Lower voltage grades available.
*8200V @ -40
0 C, 8500V @ 00 C
ORDERING INFORMATION
When ordering, select the required part number
shown in the Voltage Ratings selection table.
For example:
DCR3640H85
Note: Please use the complete part number when ordering
and quote this number in any future correspondence
relating to your order.
KEY PARAMETERS
VDRM
8500V
IT(AV)
3640A
ITSM
54000A
dV/dt*
2000V/µs
dI/dt
200A/µs
* Higher dV/dt selections available
Outline type code: H
(See Package Details for further information)
Fig. 1 Package outline


Similar Part No. - DCR3640H85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR3640H85 DYNEX-DCR3640H85 Datasheet
560Kb / 10P
   Phase Control Thyristor
DCR3640H85 DYNEX-DCR3640H85_15 Datasheet
560Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR3640H85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com