Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B260006 Datasheet(PDF) 1 Page - E-SWITCH

Part # B260006
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B260006 Datasheet(HTML) 1 Page - E-SWITCH

  B260006 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1220S4NNBR-Square
4
1/27/2009
B260006
A
rc
1
1
RED
1.95-2.5
FORWARD CURRENT
FORWARD VOLTAGE @20mA
LED SPECS
UNITS
mA
20
LUMINOUS INTENSITY @ 20mA
V
MCD
3000
3
-
1
4 +
2
A
18423
New Release
2/25/09
rc
4
2
1
CIRCUIT: SPST
3
RED LED
6
5
+
-
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 180`50gf
7. TRAVEL: 0.2`0.1mm
8. OPERATING TEMPERATURE: -20~C TO 70~C
9. OPEREATING LIFE: 500,000 CYCLES
10. LED: RED
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
13. PARTS TO BE PACKAGED 126 PARTS PER TRAY
2.54
[.100 in]
5.08
[.200 in]
5.08
[.200 in]
2.54
[.100 in]
n1.00
[.039 in]
7.90
[.311 in]
9.60
[.378 in]
16.90
[.665 in]
3.20
[.126 in]
SQ
18.60
[.732 in]
5.08
[.200 in]
.70
[.028 in]
.50
[.020 in]
1
3
5.00
[.197 in]
7.10
[.280 in]
7.15
[.281 in]
3.50
[.138 in]
4.00
[.157 in]
.40
[.016 in]
5.08
[.200 in]
5.40
[.213 in]
.30
[.012 in]
- 3
4 +
TRANSLUCIENT
SQUARE
BLACK
BUTTON


Similar Part No. - B260006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B260000 E-SWITCH-B260000 Datasheet
85Kb / 1P
   All Dimension In MM
B260001 E-SWITCH-B260001 Datasheet
101Kb / 1P
   All Dimension In MM
B260002 E-SWITCH-B260002 Datasheet
99Kb / 1P
   All Dimension In MM
B260003 E-SWITCH-B260003 Datasheet
72Kb / 1P
   All Dimension In MM
B260004 E-SWITCH-B260004 Datasheet
88Kb / 1P
   All Dimension In MM
More results

Similar Description - B260006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com