Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC86265P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMC86265P
Description  P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86265P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMC86265P Datasheet HTML 1Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 2Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 3Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 4Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 5Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 6Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 7Page - Fairchild Semiconductor FDMC86265P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
©2014 Fairchild Semiconductor Corporation
FDMC86265P Rev.C
Figure 7.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
ID = -1 A
VDD = -100 V
VDD = -50 V
Qg, GATE CHARGE (nC)
VDD = -75 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
0.1
1
10
100
1000
f = 1 MHz
VGS = 0 V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
1
2
3
4
5
6
7
8
9
10
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0.0
0.6
1.2
1.8
2.4
3.0
VGS = -6 V
Limited by Package
RθJC = 7.5
o
C/W
VGS = -10 V
T
C
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
1
10
100
500
0.01
0.1
1
10
CURVE BENT TO
MEASURED DATA
100 μs
10 ms
DC
1 ms
-VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 7.5
oC/W
TC = 25
oC
Figure 12. Single Pulse Maximum
Power Dissipation
10
-4
10
-3
10
-2
10
-1
1
10
100
300
SINGLE PULSE
RθJC = 7.5
oC/W
TC = 25
oC
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMC86265P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86261P FAIRCHILD-FDMC86261P Datasheet
230Kb / 8P
   P-Channel PowerTrench MOSFET -150 V, -9 A, 160 m
More results

Similar Description - FDMC86265P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
   P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
   P-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD9509L-F085 ONSEMI-FDD9509L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC86139P FAIRCHILD-FDMC86139P Datasheet
384Kb / 8P
   P-Channel PowerTrench MOSFET
FDMC86259P FAIRCHILD-FDMC86259P Datasheet
179Kb / 8P
   P-Channel PowerTrench MOSFET
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com