Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZM68MFA Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HZM68MFA
Description  Silicon Planar Zener Diode for Surge Absorb
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZM68MFA Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HZM68MFA Datasheet HTML 1Page - Hitachi Semiconductor HZM68MFA Datasheet HTML 2Page - Hitachi Semiconductor HZM68MFA Datasheet HTML 3Page - Hitachi Semiconductor HZM68MFA Datasheet HTML 4Page - Hitachi Semiconductor HZM68MFA Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HZM6.8MFA
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
*1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to +150
°C
Note
1. Four device total, With P.C board.
Electrical Characteristics (Ta = 25
°C) *1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Zener voltage
V
Z
6.47
7.00
V
I
Z = 5 mA, 40ms pulse
Reverse current
I
R
——
2
µAV
R = 3.5V
Capacitance
C
130
pF
V
R = 0V, f = 1 MHz
Dynamic resistance
r
d
——
30
I
Z = 5 mA
ESD-Capability
*2
30
kV
C =150pF, R = 330
Ω, Both forward and
reverse direction 10 pulse
Notes
1. Per one device.
2. Failure criterion ; IR
> 2 µA at VR = 3.5V.


Similar Part No. - HZM68MFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM68MWATL-E RENESAS-HZM68MWATL-E Datasheet
276Kb / 7P
   Silicon Planar Zener Diode for Surge Absorb
More results

Similar Description - HZM68MFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZD6.8Z4 RENESAS-HZD6.8Z4 Datasheet
81Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZL6.8Z4 RENESAS-HZL6.8Z4 Datasheet
81Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.8MWA RENESAS-HZM6.8MWA Datasheet
157Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
logo
Hitachi Semiconductor
HZM68ZMFA HITACHI-HZM68ZMFA Datasheet
27Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM6.8ZMFA RENESAS-HZM6.8ZMFA Datasheet
164Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
HZN6.8ZMFA RENESAS-HZN6.8ZMFA Datasheet
60Kb / 6P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.8Z4MWA RENESAS-HZM6.8Z4MWA Datasheet
84Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZL6.2Z4 RENESAS-HZL6.2Z4 Datasheet
81Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZB6.8MWA RENESAS-HZB6.8MWA Datasheet
65Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
HZM6.2Z4MFA RENESAS-HZM6.2Z4MFA Datasheet
50Kb / 5P
   Silicon Planar Zener Diode for Surge Absorb
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com