Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002BKM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2N7002BKM
Description  60 V, 450 mA N-channel Trench MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002BKM Datasheet(HTML) 4 Page - NXP Semiconductors

  2N7002BKM Datasheet HTML 1Page - NXP Semiconductors 2N7002BKM Datasheet HTML 2Page - NXP Semiconductors 2N7002BKM Datasheet HTML 3Page - NXP Semiconductors 2N7002BKM Datasheet HTML 4Page - NXP Semiconductors 2N7002BKM Datasheet HTML 5Page - NXP Semiconductors 2N7002BKM Datasheet HTML 6Page - NXP Semiconductors 2N7002BKM Datasheet HTML 7Page - NXP Semiconductors 2N7002BKM Datasheet HTML 8Page - NXP Semiconductors 2N7002BKM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2N7002BKM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 25 October 2010
4 of 16
NXP Semiconductors
2N7002BKM
60 V, 450 mA N-channel Trench MOSFET
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
IDM = single pulse
(1) tp = 100 μs
(2) tp =1ms
(3) DC; Tsp =25 °C
(4) tp =10ms
(5) tp = 100 ms
(6) DC; Tamb =25 °C; drain mounting pad 1 cm2
Fig 3.
Safe operating area; junction to ambient; continuous and peak drain currents as a function of
drain-source voltage
017aaa108
VDS (V)
10-1
102
10
1
1
10−1
10
ID
(A)
10−2
(1)
(2)
(3)
(4)
(5)
(6)
Limit RDSon = VDS/ID
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
305
350
K/W
[2] -
150
175
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
--40
K/W


Similar Part No. - 2N7002BKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BKM NXP-2N7002BKM Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
logo
Nexperia B.V. All right...
2N7002BKM NEXPERIA-2N7002BKM Datasheet
906Kb / 16P
   60 V, 450 mA N-channel Trench MOSFET
Rev. 1 - 25 October 2010
logo
NXP Semiconductors
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
logo
Nexperia B.V. All right...
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
More results

Similar Description - 2N7002BKM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2N7002BKM NEXPERIA-2N7002BKM Datasheet
906Kb / 16P
   60 V, 450 mA N-channel Trench MOSFET
Rev. 1 - 25 October 2010
logo
NXP Semiconductors
2N7002BKM PHILIPS-2N7002BKM_15 Datasheet
356Kb / 16P
   60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
2N7002BKT NXP-2N7002BKT Datasheet
361Kb / 16P
   60 V, 290 mA N-channel Trench MOSFET
Rev. 1-15 June 2010
BSS138P NXP-BSS138P Datasheet
181Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
   60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
BSS138BK PHILIPS-BSS138BK_15 Datasheet
865Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
2N7002BKW PHILIPS-2N7002BKW_15 Datasheet
164Kb / 16P
   60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
logo
Nexperia B.V. All right...
BSS138P NEXPERIA-BSS138P Datasheet
742Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
   60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com