Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVU355B Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVU355B
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVU355B Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVU355B Datasheet HTML 1Page - Hitachi Semiconductor HVU355B Datasheet HTML 2Page - Hitachi Semiconductor HVU355B Datasheet HTML 3Page - Hitachi Semiconductor HVU355B Datasheet HTML 4Page - Hitachi Semiconductor HVU355B Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVU355B
3
Main Characteristic
016
20
10
-6
10
-8
10
-10
48
12
10
-13
10
-12
10
-11
10
-7
10
-9
10
1.0
10
12
10
8
4
2
6
0
-1
10
1.0
10
-1.5
-1.0
-0.5
0
-1
f=1MHz
0.6
0.2
0
10
1.0
10
0.1
0.3
-1
0.4
0.5
f=470MHz
Reverse voltage V R (V)
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Reverse voltage V R (V)
Reverse voltage V R (V)
Fig.3 Series resistance Vs. Reverse voltage
Reverse voltage V R (V)
Fig.4 Linearity factor Vs. Reverse voltage


Similar Part No. - HVU355B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVU355B RENESAS-HVU355B Datasheet
144Kb / 5P
   Variable Capacitance Diode for VCO
More results

Similar Description - HVU355B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
   Variable Capacitance Diode for VCO
logo
Leshan Radio Company
HVC369B LRC-HVC369B Datasheet
41Kb / 2P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVL400C RENESAS-HVL400C Datasheet
50Kb / 5P
   Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
   Variable Capacitance Diode for VCO
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
   Variable Capacitance Diode for VCO
HVC397C RENESAS-HVC397C Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com