Electronic Components Datasheet Search |
|
ERZV05D431 Datasheet(PDF) 10 Page - Panasonic Semiconductor |
|
ERZV05D431 Datasheet(HTML) 10 Page - Panasonic Semiconductor |
10 / 20 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. “ZNR” Transient/Surge Absorbers (Type D) – 13 – D T W W f 0.6 L 9 Series ■ Ratings and Characteristics ● Operating Temperature Range : –40 to 85 °C ● Storage Temperature Range : –40 to 125 °C ✽Ip Measuring current of clamping voltage 180 to 680 : 5 A, 820 to 511 : 25 A ■ Dimensions in mm (not to scale) ✽ Refer to page 24 to 26 about leads cut type and taping. Part No. Varistor Voltage Maximum Allowable Voltage Clamping Voltage (max.) ✽Ip Rated Power Maximum Energy Maximum Peak Current (8/20 μs) Capacitance (max.) (10/1000 μs) (2 ms) 1 time 2 times V1 mA (V) ACrms (V) DC (V) (V) (W) (J) (J) (A) (A) at 1 kHz (pF) ERZV09D180 18(16 to 20) 11 14 36 0.05 2.6 2.2 1000 500 16000 ERZV09D220 22(20 to 24) 14 18 43 0.05 3.2 2.6 1000 500 11000 ERZV09D270 27(24 to 30) 17 22 53 0.05 3.9 3.2 1000 500 8000 ERZV09D330 33(30 to 36) 20 26 65 0.05 4.8 4.0 1000 500 6300 ERZV09D390 39(35 to 43) 25 31 77 0.05 5.6 4.7 1000 500 5200 ERZV09D470 47(42 to 52) 30 38 93 0.05 6.8 5.6 1000 500 4600 ERZV09D560 56(50 to 62) 35 45 110 0.05 8.1 6.7 1000 500 3750 ERZV09D680 68(61 to 75) 40 56 135 0.05 9.8 8.2 1000 500 2800 ERZV09D820 82(74 to 90) 50 65 135 0.4 14 10 3500 2500 2000 ERZV09D101 100(90 to 110) 60 85 165 0.4 17 12 3500 2500 1700 ERZV09D121 120(108 to 132) 75 100 200 0.4 20 14.5 3500 2500 1400 ERZV09D151 150(135 to 165) 95 125 250 0.4 25 18 3500 2500 1100 ERZV09D201 200(185 to 225) 130 170 340 0.4 35 25 3500 2500 430 ERZV09D221 220(198 to 242) 140 180 360 0.4 39 27.5 3500 2500 410 ERZV09D241 240(216 to 264) 150 200 395 0.4 42 30 3500 2500 380 ERZV09D271 270(247 to 303) 175 225 455 0.4 49 35 3500 2500 350 ERZV09D331 330(297 to 363) 210 270 545 0.4 58 42 3500 2500 300 ERZV09D361 360(324 to 396) 230 300 595 0.4 65 45 3500 2500 300 ERZV09D391 390(351 to 429) 250 320 650 0.4 70 50 3500 2500 300 ERZV09D431 430(387 to 473) 275 350 710 0.4 80 55 3500 2500 270 ERZV09D471 470(423 to 517) 300 385 775 0.4 85 60 3500 2500 230 ERZV09D511 510(459 to 561) 320 410 845 0.4 92 67 3500 2500 210 Part No. D max. T max. W ±1.0 H max. L ±1.0 ERZV09D180 11.5 3.8 5.0 14.0 1.3 ERZV09D220 11.5 4.0 5.0 14.0 1.4 ERZV09D270 11.5 4.2 5.0 14.0 1.5 ERZV09D330 11.5 4.5 5.0 14.0 1.7 ERZV09D390 11.5 4.0 5.0 14.0 1.7 ERZV09D470 11.5 4.2 5.0 14.0 1.8 ERZV09D560 11.5 4.4 5.0 14.0 1.9 ERZV09D680 11.5 4.5 5.0 14.0 2.2 ERZV09D820 11.5 3.8 5.0 14.0 1.6 ERZV09D101 11.5 3.9 5.0 14.0 1.8 ERZV09D121 11.5 4.1 5.0 14.0 2.0 ERZV09D151 11.5 4.4 5.0 14.0 2.2 ERZV09D201 11.5 4.1 5.0 14.0 1.7 ERZV09D221 11.5 4.2 5.0 14.0 1.8 ERZV09D241 11.5 4.3 5.0 14.0 1.9 ERZV09D271 11.5 4.5 5.0 14.0 2.0 ERZV09D331 11.5 4.8 5.0 14.0 2.3 ERZV09D361 11.5 5.0 5.0 14.0 2.5 ERZV09D391 11.5 5.1 5.0 14.0 2.6 ERZV09D431 11.5 5.3 5.0 14.0 2.8 ERZV09D471 11.5 5.6 5.0 14.0 3.1 ERZV09D511 11.5 5.8 5.0 14.0 3.2 Aug. 2012 01 |
Similar Part No. - ERZV05D431 |
|
Similar Description - ERZV05D431 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |