Electronic Components Datasheet Search |
|
SMBJ5342B Datasheet(PDF) 1 Page - Micro Commercial Components |
|
SMBJ5342B Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 5 page SMBJ5338B THRU SMBJ5388B 5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts Features Low Profile Package for Surface Mountiong(Flat Handling Surface for Accurate Placement) Zener Voltage 5.1V to 200V High Surge Current Capability For Available Tolerances-see Note 1 Available on Tape and Reel (see E1A std RS-481) Mechanical Data Standard JEDEC Outlines as Shown Marking: See page 2 Electrical Characteristics @ 25 C Unless Otherwise Specified Forward Voltage at 1.0A Current VF 1.2Volts Steady State Power Dissipation P(AV) 5Watts See Note 2 Operating and Storage Temperatures TJ, TSTG -55 to +150 R JL 15 /W Note: 2. Lead temperature at 75 = TL at mounting plane. Derate linearly above 75 to zero power at 150 0.070” 0.090" 0.085” SUGGESTED SOLDER PAD LAYOUT DO-214AA (SMB) (Lead Frame) H J E G A B D C omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC www.mccsemi.com DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .075 .095 1.91 2.41 B .077 .083 1.96 2.10 C .002 .008 .05 .20 D ----- .02 ----- .51 E .030 .060 .76 1.52 G .200 .220 5.08 5.59 H .160 .187 4.06 4.75 J .130 .155 3.30 3.94 Micro Commercial Components TM Maximum Temperature for Soldering: 260 for 10 Seconds 1 of 5 Revision: I 20 13/01/01 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 1.High Tempertaure Solder Exemptions Applied,see EU Directive Annex 7. R JA 90 /W Thermal Resistance 3. Ambient temperature at 15 = TA at mounting plane. Derate linearly above 15 to zero power at 150 • Halogen free available upon request by adding suffix "-HF" |
Similar Part No. - SMBJ5342B |
|
Similar Description - SMBJ5342B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |