Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLI-343U8RC Datasheet(PDF) 3 Page - Rohm

Part # SLI-343U8RC
Description  Viewing angle 2 1/2 40
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLI-343U8RC Datasheet(HTML) 3 Page - Rohm

  SLI-343U8RC Datasheet HTML 1Page - Rohm SLI-343U8RC Datasheet HTML 2Page - Rohm SLI-343U8RC Datasheet HTML 3Page - Rohm SLI-343U8RC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLI-343
8 Series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular
type
40˚
Transparent Colored
SLI-343U8RC
SLI-343V8RC
Diffused Colored
SLI-343U8R
SLI-343V8R
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular
type
40˚
Transparent Colored
SLI-343M8C
SLI-343P8C
Diffused Colored
SLI-343M8G
SLI-343P8G
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent Colored
SLI-343D8C
Diffused Colored
SLI-343D8U
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent Colored
SLI-343Y8C
Diffused Colored
SLI-343Y8Y
Orange (D)
Yellow (Y)
Green (M, P)
Part No. Construction
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Similar Part No. - SLI-343U8RC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343U8RC ROHM-SLI-343U8RC Datasheet
185Kb / 5P
   3.1(T-1) Circular Type Standard Type
SLI-343U8RC ROHM-SLI-343U8RC Datasheet
145Kb / 4P
   High brightness
More results

Similar Description - SLI-343U8RC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
   Viewing angle 2 1/2 85
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com