Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVU132 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVU132
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVU132 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVU132 Datasheet HTML 1Page - Hitachi Semiconductor HVU132 Datasheet HTML 2Page - Hitachi Semiconductor HVU132 Datasheet HTML 3Page - Hitachi Semiconductor HVU132 Datasheet HTML 4Page - Hitachi Semiconductor HVU132 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVU132
3
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.3 Capacitance Vs. Reverse voltage
Fig.4 Forward resistance Vs. Forward current
Fig.2 Reverse current Vs. Reverse voltage
0
0.2
0.4
0.6
0.8
1.0
Forward voltage V (V)
F
Reverse voltage V (V)
R
0.1
10
100
10
1.0
1.0
f=1MHz
Reverse voltage V (V)
R
10
10
10
10
10
10
10
2
-5
- 4
-3
-2
10
3
-1
f=100MHz
Forward current I
(A)
F
080
20
60
40
100
10
-9
10
10
-7
10
-8
10
-10
10
-12
10
-13
-11
Ta= 75
°C
Ta= -25
°C
Ta= 25
°C
10
1
0
10
10
-4
10
-6
10
-8
10
-10
-12
-2
Ta= 75
°C
Ta= -25
°C
Ta= 25
°C


Similar Part No. - HVU132

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
   Silicon Epitaxial Planar Pin Diode
More results

Similar Description - HVU132

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC132 HITACHI-HVC132 Datasheet
22Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC134 HITACHI-HVC134 Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD132 HITACHI-HVD132 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVD133 RENESAS-HVD133 Datasheet
76Kb / 7P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Hitachi Semiconductor
HVU145 HITACHI-HVU145 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVU131 HITACHI-HVU131 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVC133 RENESAS-HVC133 Datasheet
81Kb / 7P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Hitachi Semiconductor
HVU133 HITACHI-HVU133 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC131 HITACHI-HVC131 Datasheet
22Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC133 HITACHI-HVC133 Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com