Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q604013PCICC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Q604013PCICC
Description  Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q604013PCICC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Q604013PCICC Datasheet HTML 1Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 2Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 3Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 4Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 5Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 6Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 7Page - List of Unclassifed Manufacturers Q604013PCICC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Spec-00411 G
1
SUBJECT TO CHANGE WITHOUT NOTICE
NoN-Metallic
EQUIPMENT PROTECTION SOLUTIONS
PolycarboNate aNd abS QLINE™ I
Spec-00411
G763.422.2211
763.422.2600
NoN-Metallic
Polycarbonate and abS
QlIne™ I
QliNe™ i, tyPe 4X
iNdUStry StaNdardS
Polycarbonate enclosure
UL 508A Listed; Type 4, 4X, 12, 13; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 4, 4X, 12, 13; File No.
E61997
Enclosure flammability evaluated per UL 508A
NEMA/EEMAC Type 4, 4X, 12, 13
CSA File No. 42186: Type 4, 4X, 12, 13
IEC 60529, IP66
abS enclosure
NEMA/EEMAC Type 4, 4X, 12, 13
IEC 60529, IP66
aPPlicatioN
The largest-sized QLINE™ enclosure, QLINE I provides easy
access and protects larger controls from corrosive environments.
Choose from screw cover, hinge, internal mounting, variable depth
and quick-release latch options to meet your design and security
requirements.
The ABS series shares the same features and similar physical
properties as the polycarbonate but is a more economical, non-UL
rated alternative.
SPeciFicatioNS
Body is impact-resistant polycarbonate for PCI series and ABS
for ABI series
Opaque and clear covers are impact-resistant polycarbonate for
PCI; opaque covers are ABS for ABI series
Polycarbonate and ABS material is easily punched, drilled, filed
or sawed
Mounting holes molded directly under cover screws
Molded internal pads for mounting optional panels, rails and
other components
Molded internal rails for mounting adjustable-depth panel kit
Screws provided for mounting optional panel
Optional extension rings are molded polycarbonate
Cover includes a molded-in hole for wire lead
Seamless foam-in-place gasket assures water-tight and dust-
tight seal
Material is halogen free
Screw cover enclosures have easy-to-remove covers attached to
body with strong, durable polyamide cross-point cover screws.
enclosures with Quick-release latches have polycarbonate hinges
and polyester latches with a padlock provision.
FiNiSH
Polycarbonate and ABS enclosure material is RAL 7035 light-gray
inside and out. Optional panels are plated steel.
acceSSorieS
See also Accessories.
Brass Insert Kit
Cover Screw Kit
Extension Rings
Hardware Kit
H2OMIT™ Vent Drains, Type 4X
Hinge Kit
HOL-SEALERS™ Non-Metallic Hole Seals
Mounting Bracket Kit
Panel Depth Fitting
ModiFicatioN aNd cUStoMiZatioN
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: Q41


Similar Part No. - Q604013PCICC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q604013PCICC ETC2-Q604013PCICC Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
More results

Similar Description - Q604013PCICC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q202013PCI ETC2-Q202013PCI Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
G2128 ETC2-G2128 Datasheet
91Kb / 1P
   Multipurpose Enclosures - ABS and Polycarbonate
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RG.02.01.3000W TAOGLAS-RG.02.01.3000W Datasheet
720Kb / 13P
   UV and Vandal resistant ABS housing
MA111.W.C.LB.001 TAOGLAS-MA111.W.C.LB.001 Datasheet
881Kb / 17P
   uv and vandal resistant abs housing and thread
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001 Datasheet
2Mb / 15P
   UV and vandal resistant ABS housing and thread
logo
Bud Industries, Inc.
PTX-18482-P BUD-PTX-18482-P Datasheet
81Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18483-P BUD-PTX-18483-P Datasheet
108Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18486-P BUD-PTX-18486-P Datasheet
161Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18491-P BUD-PTX-18491-P Datasheet
329Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com