Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLDX-0201-BHT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KLDX-0201-BHT
Description  DC POWER CONNECTORS: KLDX Series PCB Mount DC Power Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KLDX-0201-BHT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KLDX-0201-BHT Datasheet HTML 1Page - List of Unclassifed Manufacturers KLDX-0201-BHT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
DC POWER CONNECTORS: KLDX Series
PCB Mount DC Power Jack
Product Features
1.0mm and 1.3mm
Built-In DC On/Off Switch
Laptop and Palm Computers, Portable Modems, Radar
Detectors, and Other Portable Device Applications
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Plastic Housing: PBT, UL94V-0 Rated, Black Color
Center Pin: Copper Alloy, Nickel Plated
Contact #1 and #3: Brass Tin, Plated
Contact #2: Phosphor Bronze, Tin Plated
Electrical Characteristics
Contact Resistance
Before Durability Test
Between Terminals: 30 milliohms Max.
Plug to Contacts: 50 milliohms Max.
After Durability Test
Between Terminals: 60 milliohms Max.
Plug to Contacts: 100 milliohms Max.
Rated Voltage: 24V DC
Rated Current: See Drawing
Insulation Resistance: 100 Megohms Min. at 500V DC
Dielectric Withstanding Voltage: 500V AC RMS for 1 Minute
Mechanical Characteristics
Durability Test: 5000 Cycles
Insertion Force: 0.3kg - 2.5kg
Extraction Force: 0.3kg - 2.5kg
Operating Temperature: -25˚C to +85˚C
LR78160
Series
KLDX-0201 - PCB Mount Mini DC Power Jack
Diameter
A - 1.0mm Center Pin Diameter
B - 1.3mm Center Pin Diameter
Lead Style
Blank - Standard Straight
C - Crimped
Contact Kycon for Other Options
KLDX-0201 Series
Dimensions in mm
Schematic
2.0
7.4
4.7
2.7
8.6
11.1
1
6.1
2
3
1.00
Ø4.5
4.2
5.8
1.00
2
3
1
0.4
0.2
0.4
11.4±0.30
0.2±0.05
3.2±0.30
Center Pin:
Ø1.00±0.05
5.0
7.4
Generated Part Number
Part Number Builder
Series
Diameter
Lead Style
2D Drawing
Solder Profile
IGES
CofC RoHS Compliant
STEP
CofC REACH Compliant
Certificate of Origin
Check Stock
Request a Sample
Send Us An Email
UL Plastic File
3D PDF
KLDX-0201-A
KLDX-0201
A


Similar Part No. - KLDX-0201-BHT

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KLDX-0202-A KYCON-KLDX-0202-A Datasheet
654Kb / 1P
   PCB Mount DC Power Jack
KLDX-0202-A-LT KYCON-KLDX-0202-A-LT Datasheet
922Kb / 1P
   Locking Type PCB Mount DC Power Jack
KLDX-0202-AC KYCON-KLDX-0202-AC Datasheet
654Kb / 1P
   PCB Mount DC Power Jack
logo
List of Unclassifed Man...
KLDX-0202-AHT ETC2-KLDX-0202-AHT Datasheet
192Kb / 2P
   1810 Little Orchard Street, San Jose, CA 95125
logo
Kycon, Inc.
KLDX-0202-AP-LT KYCON-KLDX-0202-AP-LT Datasheet
922Kb / 1P
   Locking Type PCB Mount DC Power Jack
More results

Similar Description - KLDX-0201-BHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLDHCX-0202-B ETC2-KLDHCX-0202-B Datasheet
912Kb / 1P
   DC POWER CONNECTORS KLDX Series
logo
Kycon, Inc.
KLDX-0202-A KYCON-KLDX-0202-A Datasheet
654Kb / 1P
   PCB Mount DC Power Jack
logo
CUI INC
PJ-022 CUI-PJ-022 Datasheet
41Kb / 1P
   0.65 DC Power Jack, PCB Mount
logo
Kycon, Inc.
KLDVX KYCON-KLDVX Datasheet
781Kb / 1P
   Vertical PCB Mount DC Power Jack
logo
CUI INC
PJ-023 CUI-PJ-023 Datasheet
45Kb / 1P
   DC Power Jack w/Shield, PCB Mount
logo
Kycon, Inc.
KLDHCX-0202 KYCON-KLDHCX-0202 Datasheet
372Kb / 1P
   High Current PCB Mount DC Power Jack
KLDX-0202-AP-LT KYCON-KLDX-0202-AP-LT Datasheet
922Kb / 1P
   Locking Type PCB Mount DC Power Jack
KLDHCX-0202-C KYCON-KLDHCX-0202-C Datasheet
353Kb / 1P
   High Current PCB Mount DC Power Jack
logo
CUI INC
PJ-014C-SMT CUI-PJ-014C-SMT Datasheet
473Kb / 1P
   DC POWER JACK, SURFACE MOUNT
PJ-068B-SMT-TR CUI-PJ-068B-SMT-TR Datasheet
424Kb / 4P
   MID MOUNT DC POWER JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com