Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV05D330 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ERZV05D330
Description  ZNR Transient/Surge Absorbers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ERZV05D330 Datasheet(HTML) 1 Page - Vishay Siliconix

  ERZV05D330 Datasheet HTML 1Page - Vishay Siliconix ERZV05D330 Datasheet HTML 2Page - Vishay Siliconix ERZV05D330 Datasheet HTML 3Page - Vishay Siliconix ERZV05D330 Datasheet HTML 4Page - Vishay Siliconix ERZV05D330 Datasheet HTML 5Page - Vishay Siliconix ERZV05D330 Datasheet HTML 6Page - Vishay Siliconix ERZV05D330 Datasheet HTML 7Page - Vishay Siliconix ERZV05D330 Datasheet HTML 8Page - Vishay Siliconix ERZV05D330 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 4 –
1
2
3
4
567
89
10
Product Code
11
12
Design No.
Series
Element Size
10
05
14
20
f10 mm
f14 mm
f20 mm
f5 mm
09
f7 mm
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Norminal Varistor Voltage
07
f10 mm
Lead Configuration
D
Crimped Lead
V
Straight Lead
Excluding
f20.
Only the lead cut
1
2
3
4
567
89
10
Product Code
11
12
Design No.
Series
Element Size
A
5
E
f10 mm
f14 mm
f5 mm
9
f7 mm
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Nominal Varistor Voltage
7
f10 mm
Lead Configuration
D
Crimped Lead
V
Straight Lead
Taping / Packaging
A to D
E to H
Radial Taping (P0=12.7 mm)
Radial Taping (P0=15.0 mm)
“ZNR” Transient/Surge Absorbers
Type:
D
Series:
V
Explanation of Part Numbers (Bulk)
Handling Precautions and Minimum Quantity /
Packing Unit
Please see Related Information
Recommended Applications
● Transistor, diode, IC, thyristor or triac semiconductor
protection
● Surge protection in consumer electronic equipment
● Surge protection in communication, measuring or
controller electronics
● Surge protection in electronic home appliances, gas or
petroleum appliances
Applicable Standards
● UL1449 (VZCA2/UL, VZCA8/C-UL)
● VDE IEC61051-1, -2, -2-2, IEC60950-1 Annex.Q
● CSA C22.2 No.1
● CQC(GB/T10193, GB/T10194, GB4943.1, GB8898)
Refer to page 5 to 8, and 27, for the details
Explanation of Part Numbers (Taping)
Features
● Large withstanding surge current capability in compact
sizes
● Large “Energy Handling Capability” absorbing transient
overvoltages in compact sizes
● Wide range of varistor voltages
● RoHS compliant
Aug. 2013
02


Similar Part No. - ERZV05D330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D330 PANASONIC-ERZV05D330 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV05D330 PANASONIC-ERZV05D330 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV05D330 PANASONIC-ERZV05D330 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV05D330 PANASONIC-ERZV05D330 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D330 PANASONIC-ERZV05D330 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV05D330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com