Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUHD1E101 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUHD1E101
Description  Aluminum Electrolytic Capacitors/ HD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUHD1E101 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUHD1E101 Datasheet HTML 1Page - Panasonic Semiconductor EEUHD1E101 Datasheet HTML 2Page - Panasonic Semiconductor EEUHD1E101 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
Standard Products
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
The taping dimensions are explained on EE189 of our Catalog. Please use it as a reference guide.
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
10
330
6.3
11.2
2000.24
1000
0.5
2.5
5.0
2.5
EEUHD1A331( )
200
2000
470
8
11.5
250
0.241000
0.6
3.5
5.0
EEUHD1A471( )
200
1000
1000
10
12.5
460
0.24
2000
0.6
5.0
5.0
EEUHD1A102( )
200
500
2200
10
16
760
0.262000
0.6
5.0
5.0
EEUHD1A222( )
200
500
4700
12.5
20
1260
0.30
2000
0.6
5.0
5.0
EEUHD1A472( )
200
500
6800
12.5
25
1570
0.34
2000
0.6
5.0
5.0
EEUHD1A682( )
200
500
10000
16
25
1890
0.42
2000
0.8
7.5
7.5
EEUHD1A103( )
100
250
15000
16
31.5
2180
0.52
2000
0.8
7.5
EEUHD1A153
100
22000
18
35.5
2400
0.66
2000
0.8
7.5
EEUHD1A223
50
16
100
5
11
110
0.20
1000
0.5
2.5
5.0
2.5
EEUHD1C101( )
200
2000
220
6.3
11.2
180
0.20
1000
0.5
2.5
5.0
2.5
EEUHD1C221( )
200
2000
330
8
11.5
260
0.201000
0.6
3.5
5.0
EEUHD1C331( )
200
1000
470
8
11.5
310
0.201000
0.6
3.5
5.0
EEUHD1C471( )
200
1000
3300
12.5
20
1170
0.24
2000
0.6
5.0
5.0
EEUHD1C332( )
200
500
4700
12.5
25
1480
0.26
2000
0.6
5.0
5.0
EEUHD1C472( )
200
500
6800
16
25
1780
0.30
2000
0.8
7.5
7.5
EEUHD1C682( )
100
250
8200
16
25
1780
0.34
2000
0.8
7.5
7.5
EEUHD1C822( )
100
250
10000
16
31.5
2060
0.38
2000
0.8
7.5
EEUHD1C103
100
15000
18
35.5
2210
0.48
2000
0.8
7.5
EEUHD1C153
50
25
47
5
11
91
0.161000
0.5
2.5
5.0
2.5
EEUHD1E470( )
200
2000
68
5
11
91
0.161000
0.5
2.5
5.0
2.5
EEUHD1E680( )
200
2000
100
6.3
11.2
130
0.161000
0.5
2.5
5.0
2.5
EEUHD1E101( )
200
2000
220
8
11.5
230
0.161000
0.6
3.5
5.0
EEUHD1E221( )
200
1000
330
8
11.5
310
0.161000
0.6
3.5
5.0
EEUHD1E331( )
200
1000
470
10
12.5
380
0.16
2000
0.6
5.0
5.0
EEUHD1E471( )
200
500
1000
10
16
680
0.16
2000
0.6
5.0
5.0
EEUHD1E102( )
200
500
2200
12.5
20
1090
0.18
2000
0.6
5.0
5.0
EEUHD1E222( )
200
500
3300
12.5
25
1400
0.20
2000
0.6
5.0
5.0
EEUHD1E332( )
200
500
4700
16
25
1750
0.22
2000
0.8
7.5
7.5
EEUHD1E472( )
100
250
5600
16
25
1750
0.24
2000
0.8
7.5
7.5
EEUHD1E562( )
100
250
6800
16
31.5
2040
0.26
2000
0.8
7.5
EEUHD1E682
100
10000
18
35.5
2200
0.34
2000
0.8
7.5
EEUHD1E103
50
35
47
5
11
90
0.141000
0.5
2.5
5.0
2.5
EEUHD1V470( )
200
2000
100
6.3
11.2
150
0.141000
0.5
2.5
5.0
2.5
EEUHD1V101( )
200
2000
220
8
11.5
270
0.141000
0.6
3.5
5.0
EEUHD1V221( )
200
1000
330
10
12.5
350
0.14
2000
0.6
5.0
5.0
EEUHD1V331( )
200
500
470
10
16
460
0.14
2000
0.6
5.0
5.0
EEUHD1V471( )
200
500
680
10
16
460
0.14
2000
0.6
5.0
5.0
EEUHD1V681( )
200
500
2200
12.5
25
1260
0.16
2000
0.6
5.0
5.0
EEUHD1V222( )
200
500
3300
16
25
1610
0.18
2000
0.8
7.5
7.5
EEUHD1V332( )
100
250
4700
16
31.5
1910
0.20
2000
0.8
7.5
EEUHD1V472
100
6800
18
35.5
2050
0.24
2000
0.8
7.5
EEUHD1V682
50
Jul. 2011
00


Similar Part No. - EEUHD1E101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUHD1E101 PANASONIC-EEUHD1E101 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEUHD1E101 PANASONICBATTERY-EEUHD1E101 Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EEUHD1E101 PANASONIC-EEUHD1E101 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUHD1E101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-HD1E472 PANASONIC-EEU-HD1E472 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EET-HD2W331KJ PANASONIC-EET-HD2W331KJ Datasheet
67Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1H2R2R PANASONIC-EEE-HD1H2R2R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD2A220P PANASONIC-EEE-HD2A220P Datasheet
68Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEU-HD1C101 PANASONICBATTERY-EEU-HD1C101 Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EET-HD2W561LJ PANASONIC-EET-HD2W561LJ Datasheet
54Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1E101AP PANASONIC-EEE-HD1E101AP Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEVHD1A101P PANASONIC-EEVHD1A101P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com