Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP10A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EGP10A
Description  Glass Passivated Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EGP10A Datasheet(HTML) 1 Page - Vishay Siliconix

  EGP10A Datasheet HTML 1Page - Vishay Siliconix EGP10A Datasheet HTML 2Page - Vishay Siliconix EGP10A Datasheet HTML 3Page - Vishay Siliconix EGP10A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EGP10A, EGP10B, EGP10C, EGP10D, EGP10F, EGP10G
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-13
1
Document Number: 88582
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Ultrafast Plastic Rectifier
FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low leakage current
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.
MECHANICAL DATA
Case: DO-204AL, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V, 100 V, 150 V, 200 V, 300 V, 400 V
IFSM
30 A
trr
50 ns
VF
0.95 V, 1.25 V
TJ max.
150 °C
Package
DO-204AL (DO-41)
Diode variations
Single die
DO-204AL (DO-41)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EGP10A
EGP10B
EGP10C
EGP10D
EGP10F
EGP10G
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TA = 55 °C
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C


Similar Part No. - EGP10A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Silicon Standard Corp.
EGP10A SSC-EGP10A Datasheet
278Kb / 3P
   Glass Passivated Junction Fast Efficient Rectifiers
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Fairchild Semiconductor
EGP10A FAIRCHILD-EGP10A Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Micro Commercial Compon...
EGP10A MCC-EGP10A Datasheet
173Kb / 5P
   1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP10A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP30A VISHAY-EGP30A_V01 Datasheet
78Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
13-Jun-16
FGP30B VISHAY-FGP30B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP20D-E3 VISHAY-EGP20D-E3 Datasheet
77Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
EGP31A VISHAY-EGP31A Datasheet
92Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 22-Dec-16
EGP31A VISHAY-EGP31A_V01 Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
EGP30D-E3 VISHAY-EGP30D-E3 Datasheet
75Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
BYV26DGP VISHAY-BYV26DGP_V01 Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
FGP50B VISHAY-FGP50B_V01 Datasheet
74Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP10G-E373 VISHAY-EGP10G-E373 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com