Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYF08A Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # PYF08A
Description  Separate Amplifier Sensor with Sensitivity Adjustment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF08A Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button PYF08A Datasheet HTML 7Page - Omron Electronics LLC PYF08A Datasheet HTML 8Page - Omron Electronics LLC PYF08A Datasheet HTML 9Page - Omron Electronics LLC PYF08A Datasheet HTML 10Page - Omron Electronics LLC PYF08A Datasheet HTML 11Page - Omron Electronics LLC PYF08A Datasheet HTML 12Page - Omron Electronics LLC PYF08A Datasheet HTML 13Page - Omron Electronics LLC PYF08A Datasheet HTML 14Page - Omron Electronics LLC PYF08A Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
E2C/E2C-H
11
Load Connections
Note: The E2C-WH4A supports both NPN and PNP open-collector output. It
can be connected to a wide variety of load types and power polarities.
Model
E2C-JC4A, E2C-JC4
@H
Load
DC load
• Relay
• Solenoid
Current-sink-
ing load
• Program-
mable
Controller
• Sensor
Controller
Voltage load
(logic circuit)
Load
Brown
Black
Blue
4.7 k
Brown
Black
Blue
Interface circuits
Logic circuit
12 to 24 VDC
+V
To next stage
0 V
Model
E2C-WH4A
Load
DC load
• Relay
• Solenoid
Solid-state
load
• Program-
mable
Controller
• Sensor
Controller
(S3D8)
Voltage load
(logic circuit)
6
5
(12 to 24 V)
0 V
7
*
8
*
IL
Load
Load
PNP
Output
NPN
output
200 mA max.
* Use 40 V maximum when connecting the load to a
separate power supply.
7
5
0 V
6
(12 to 24 V)
8
IL
*
Load
NPN output
200 mA max.
* For a current-sourcing load, connect the PNP output.
8
6
5
(12 to 24 V)
0 V
7
PNP
output
Model
E2C-GE4A
Load
DC load
• Relay
• Solenoid
Solid-state load
• Programma-
ble Control-
ler
• Sensor
Controller
Voltage load
(logic circuit)
Remarks
When connecting to a CMOS IC or TLL, provide an interface circuit as shown
above and connect to the solid-state circuit in the next stage.
9
14
13
Load
Amplifier Unit
9
Tr
VV
: 3V
4.7 K ¼W
4.7K ¼W
4.7 K
¼W
+V
12 to 24 V
−V (0 V)
14
13
Amplifier Unit
To next stage
Interface circuits
Solid-state circuit
0.0022
µ
IC: 20 mA max.
HFE: 50 mA max.
VCED: 30 V min.
Tr


Similar Part No. - PYF08A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PYF08A OMRON-PYF08A Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
PYF08A OMRON-PYF08A Datasheet
806Kb / 8P
   International Standards for G3F Series, Same Profile as MY Power Relays
PYF08A OMRON-PYF08A Datasheet
617Kb / 5P
   100-關A-max. Leakage Current, No Bleeder Resistor Required
PYF08A-E OMRON-PYF08A-E Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
PYF08A-E OMRON-PYF08A-E Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
More results

Similar Description - PYF08A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-ED02 OMRON-E2C-ED02 Datasheet
2Mb / 15P
   Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
logo
Rohm
BA7042 ROHM-BA7042 Datasheet
64Kb / 5P
   VCO with sensitivity adjustment function
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Fairchild Semiconductor
RC6303 FAIRCHILD-RC6303 Datasheet
50Kb / 8P
   Triple Video Amplifier with Separate Enable Inputs
logo
Omron Electronics LLC
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com