Electronic Components Datasheet Search |
|
ERZV10D431 Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
ERZV10D431 Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 20 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. “ZNR” Transient/Surge Absorbers (Type D) – 9 – D T W W f0.6 L 5 Series ■ Ratings and Characteristics ● Operating Temperature Range : –40 to 85 °C ● Storage Temperature Range : –40 to 125 °C Part No. Varistor Voltage Maximum Allowable Voltage Clamping Voltage (max.) ✽✽Ip Rated Power Maximum Energy Maximum Peak Current (8/20 μs) Capacitance (max.) (10/1000 μs) (2 ms) 1 time 2 times V0.1 mA (V) ACrms (V) DC (V) (V) (W) (J) (J) (A) (A) at 1 kHz (pF) ERZV05D180 18(16 to 20) 11 14 40 0.01 0.6 0.4 250 125 1600 ERZV05D220 22(20 to 24) 14 18 48 0.01 0.7 0.5 250 125 1500 ERZV05D270 27(24 to 30) 17 22 60 0.01 0.9 0.7 250 125 1450 ERZV05D330 33(30 to 36) 20 26 73 0.01 1.1 0.8 250 125 1400 ERZV05D390 39(35 to 43) 25 31 86 0.01 1.2 0.9 250 125 700 ERZV05D470 47(42 to 52) 30 38 104 0.01 1.5 1.1 250 125 650 ERZV05D560 56(50 to 62) 35 45 123 0.01 1.8 1.3 250 125 600 ERZV05D680 68(61 to 75) 40 56 150 0.01 2.2 1.6 250 125 580 ERZV05D820 82(74 to 90) 50 65 145 0.1 3.5 2.5 800 600 460 ERZV05D101 100(90 to 110) 60 85 175 0.1 4.0 3.0 800 600 400 ERZV05D121 120(108 to 132) 75 100 210 0.1 5.0 3.5 800 600 350 ERZV05D151 150(135 to 165) 95 125 260 0.1 6.5 4.5 800 600 300 ERZV05D201 200(185 to 225) 130 170 355 0.1 8.5 6.0 800 600 120 ERZV05D221 220(198 to 242) 140 180 380 0.1 9.0 6.5 800 600 110 ERZV05D241 240(216 to 264) 150 200 415 0.1 10.5 7.5 800 600 100 ERZV05D271 270(247 to 303) 175 225 475 0.1 11.0 8.0 800 600 90✽ ERZV05D331 330(297 to 363) 210 270 570 0.1 13.0 9.5 800 600 80✽ ERZV05D361 360(324 to 396) 230 300 620 0.1 16.0 11.0 800 600 80✽ ERZV05D391 390(351 to 429) 250 320 675 0.1 17.0 12.0 800 600 80✽ ERZV05D431 430(387 to 473) 275 350 745 0.1 20.0 13.5 800 600 70✽ ERZV05D471 470(423 to 517) 300 385 810 0.1 21.0 15.0 800 600 60✽ ✽ Measured at 1 MHz ✽✽Ip Measuring current of clamping voltage 180 to 680 : 1 A, 820 to 471 : 5 A ■ Dimensions in mm (not to scale) ✽ Refer to page 24 to 26 about leads cut type and taping. Part No. D max. T max. W ±1.0 H max. L ±1.0 ERZV05D180 7.0 4.5 5.0 10.0 1.5 ERZV05D220 7.0 4.5 5.0 10.0 1.5 ERZV05D270 7.0 4.5 5.0 10.0 1.5 ERZV05D330 7.0 4.5 5.0 10.0 1.5 ERZV05D390 7.0 4.5 5.0 10.0 1.5 ERZV05D470 7.0 4.5 5.0 10.0 1.5 ERZV05D560 7.0 4.5 5.0 10.0 1.5 ERZV05D680 7.0 4.5 5.0 10.0 1.5 ERZV05D820 7.0 4.1 5.0 10.0 1.4 ERZV05D101 7.0 4.3 5.0 10.0 1.6 ERZV05D121 7.0 4.5 5.0 10.0 1.8 ERZV05D151 7.0 4.8 5.0 10.0 2.1 ERZV05D201 7.0 4.4 5.0 10.0 1.7 ERZV05D221 7.0 4.5 5.0 10.0 1.8 ERZV05D241 7.0 4.6 5.0 10.0 1.9 ERZV05D271 7.0 4.8 5.0 10.0 2.1 ERZV05D331 7.0 5.1 5.0 10.0 2.4 ERZV05D361 7.0 5.3 5.0 10.0 2.5 ERZV05D391 7.0 5.4 5.0 10.0 2.7 ERZV05D431 7.0 5.6 5.0 10.0 2.9 ERZV05D471 7.0 5.8 5.0 10.0 3.1 Aug. 2012 01 |
Similar Part No. - ERZV10D431 |
|
Similar Description - ERZV10D431 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |