Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W02G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # W02G
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

W02G Datasheet(HTML) 3 Page - Vishay Siliconix

  W02G Datasheet HTML 1Page - Vishay Siliconix W02G Datasheet HTML 2Page - Vishay Siliconix W02G Datasheet HTML 3Page - Vishay Siliconix W02G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
W005G, W01G, W02G, W04G, W06G, W08G, W10G
www.vishay.com
Vishay General Semiconductor
Revision: 08-Jul-13
3
Document Number: 88769
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mV
p-p
0.1
0.01
1
10
100
1
10
100
0.1
t - Heating Time (s)
0.220 (5.6)
0.160 (4.1)
0.388 (9.86)
0.348 (8.84)
1.0 (25.4) MIN.
0.060 (1.52)
0.020 (0.51)
0.032 (0.81)
0.028 (0.71)
0.348 (8.84)
0.308 (7.82)
0.220 (5.6)
0.180 (4.6)
0.220 (5.6)
0.180 (4.6)
Case Style WOG


Similar Part No. - W02G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W02G PANJIT-W02G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W02G WTE-W02G Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
W02G ETC2-W02G Datasheet
75Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Won-Top Electronics
W02G WTE-W02G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
W02G TSC-W02G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - W02G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com