Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFR1J181 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFR1J181
Description  Aluminum Electrolytic Capacitors/ FR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1J181 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFR1J181 Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1J181 Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1J181 Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1J181 Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1J181 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-83 –
Case size/Impedance/Ripple current
W.V.(V.DC)
6.3 V to 35 V
50 V
Case size
(
φD L)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
+20 °C
–10 °C
+105 °C
5
11
0.300
1.000
280
0.340
1.130
250
6.3
11.2
0.130
0.430
4550.140
0.460
405
8
11.5
0.056
0.168
950
0.061
0.183
870
8
15
0.041
0.123
1240
0.045
0.135
1140
8
20
0.030
0.090
1560
0.033
0.099
1430
10
12.5
0.043
0.114
1290
0.042
0.126
1170
10
16
0.028
0.078
1790
0.030
0.090
1650
10
20
0.020
0.057
2180
0.023
0.069
1890
10
25
0.018
0.054
2470
0.022
0.066
2150
12.5
20
0.018
0.045
2600
0.022
0.055
2260
12.5
25
0.015
0.038
3190
0.018
0.045
2660
12.5
30
0.013
0.033
3630
0.016
0.040
3160
12.5
35
0.012
0.030
3750
0.014
0.035
3270
16
20
0.017
0.043
3300
0.019
0.048
2870
16
25
0.014
0.035
3820
0.016
0.040
3320
W.V.(V.DC)
63 V
Case size
(
φD L)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
5
11
0.510
2.040
175
6.3
11.2
0.210
0.840
284
8
11.5
0.092
0.368
566
8
15
0.068
0.272
741
8
20
0.050
0.200
930
10
12.5
0.063
0.252
761
10
16
0.045
0.180
1073
10
20
0.035
0.140
1229
10
25
0.033
0.132
1500
12.5
20
0.033
0.125
1582
12.5
25
0.027
0.092
1995
12.5
30
0.024
0.082
2528
12.5
35
0.021
0.071
2780
16
20
0.029
0.093
2153
16
25
0.024
0.074
2988
04 May. 2013


Similar Part No. - EEUFR1J181

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1J181 PANASONIC-EEUFR1J181 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
EEUFR1J181 PANASONIC-EEUFR1J181 Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J181 PANASONIC-EEUFR1J181 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J181 PANASONIC-EEUFR1J181 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J181 PANASONIC-EEUFR1J181 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1J181

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C471 PANASONIC-EEU-FR1C471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com