Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB162L-60TE25 Datasheet(PDF) 5 Page - Rohm

Part # RB162L-60TE25
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB162L-60TE25 Datasheet(HTML) 5 Page - Rohm

  RB162L-60TE25 Datasheet HTML 1Page - Rohm RB162L-60TE25 Datasheet HTML 2Page - Rohm RB162L-60TE25 Datasheet HTML 3Page - Rohm RB162L-60TE25 Datasheet HTML 4Page - Rohm RB162L-60TE25 Datasheet HTML 5Page - Rohm RB162L-60TE25 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB162L-60
lElectrical characteristic curves
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.3
0.6
0.9
1.2
1.5
1.8
harf sin wave
D = 0.5
D = 0.8
DC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
30
60
90
120
150
harf sin wave
D = 0.5
D = 0.8
DC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
30
60
90
120
150
harf sin wave
D = 0.5
D = 0.8
DC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
30
60
90
120
150
harf sin wave
D = 0.5
D = 0.8
DC
AMBIENT TEMPERATURE : Ta(°C)
DERATING CURVE (Io-Ta)
T
Tj=150°C
D=t/T
t
VR
Io
VR=30V
0A
0V
On glass-epoxy
substrate soldering land 2mm2
AMBIENT TEMPERATURE : Ta(°C)
DERATING CURVE (Io-Ta)
T
Tj=150°C
D=t/T
t
VR
Io
VR=30V
0A
0V
On glass-epoxy
substrate soldering land 10mm2
CASE TEMPERATURE : Tl(°C)
DERATING CURVE (Io-Tl)
T
Tj=150°C
D=t/T
t
VR
Io
VR=30V
0A
0V
AVERAGE RECTIFIED
FORWARD CURRENT : Io(A)
Io-Pf CHARACTERISTICS
5/5
2013.09 - Rev.B


Similar Part No. - RB162L-60TE25

ManufacturerPart #DatasheetDescription
logo
Rohm
RB162L-60 ROHM-RB162L-60 Datasheet
421Kb / 4P
   Schottky Barrier Diode
RB162L-60 ROHM-RB162L-60 Datasheet
991Kb / 4P
   Schottky Barrier Diode
RB162L-60 ROHM-RB162L-60 Datasheet
521Kb / 9P
   Schottky Barrier Diode
RB162L-60 ROHM-RB162L-60_11 Datasheet
991Kb / 4P
   Schottky Barrier Diode
RB162L-60 ROHM-RB162L-60_15 Datasheet
521Kb / 9P
   Schottky Barrier Diode
More results

Similar Description - RB162L-60TE25

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com