Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z1SMA5.6 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # Z1SMA5.6
Description  Surface mount Silicon-Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

Z1SMA5.6 Datasheet(HTML) 2 Page - Diotec Semiconductor

  Z1SMA5.6 Datasheet HTML 1Page - Diotec Semiconductor Z1SMA5.6 Datasheet HTML 2Page - Diotec Semiconductor Z1SMA5.6 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Z1SMA1 ... Z1SMA100 (1 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spanng. 2)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V] Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
Z1SMA1 3)
0.71
0.82
6.5 (<8)
–26…–23
500
Z1SMA5.6
5.2
6.0
10 (<40)
< 500
–7…–3
> 0.5 / 3 µA
167
Z1SMA6.2
5.8
6.6
4.8 (<11)
< 300
–6…–1
> 1.5
152
Z1SMA6.8
6.4
7.2
4.5 (<10)
< 300
–5…+2
> 2
139
Z1SMA7.5
7.0
7.9
4.0 (<8)
< 100
–3…+4
> 2
127
Z1SMA8.2
7.7
8.7
4.5 (<10)
< 50
–2…+6
> 3.5
115
Z1SMA9.1
8.5
9.6
4.8 (<11)
< 50
–1…+7
> 3.5
104
Z1SMA10
9.4
10.6
5.2 (<15)
< 70
+2…+7
> 5
94
Z1SMA11
10.4
11.6
6 (<20)
< 70
+3…+7
> 5
86
Z1SMA12
11.4
12.7
7 (<20)
< 90
+4…+7
> 7
79
Z1SMA13
12.4
14.1
9 (<25)
< 110
+5…+8
> 7
71
Z1SMA15
13.8
15.6
11 (<30)
< 110
+5…+8
> 10
64
Z1SMA16
15.3
17.1
13 (<40)
< 170
+5…+9
> 10
58
Z1SMA18
16.8
19.1
18 (<50)
< 170
+6…+9
> 10
52
Z1SMA20
18.8
21.2
20 (<50)
< 220
+7…+9
> 15
47
Z1SMA22
20.8
23.3
25 (<55)
< 220
+7…+9
> 17
43
Z1SMA24
22.8
25.6
28 (<80)
< 220
+7…+9.5
> 18
39
Z1SMA27
25.1
28.9
30 (<80)
< 250
+8…+9.5
> 20
35
Z1SMA30
28
32
35 (<80)
< 250
+8…+9.5
> 22.5
31
Z1SMA33
31
35
40 (<80)
< 250
+8…+10
> 25
29
Z1SMA36
34
38
40 (<90)
< 300
+8…+10
> 27
26
Z1SMA39
37
41
50 (<90)
< 500
+8…+10
> 29
24
Z1SMA43
40
46
60 (<100)
< 700
+8…+10
> 32
22
Z1SMA47
44
50
70 (<100)
< 750
+8…+10
> 35
20
Z1SMA51
48
54
70 (<100)
< 750
+8…+10
> 38
19
Z1SMA56
52
60
70 (<100)
< 750
+9…+11
> 42
17
Z1SMA62
58
66
80 (<110)
< 750
+9…+11
> 47
15
Z1SMA68
64
72
90 (<140)
< 750
+9…+12
> 51
14
Z1SMA75
70
79
95 (<150)
< 750
+9…+12
> 56
13
Z1SMA82
77
88
100 (<170)
< 750
+9…+12
> 62
11
Z1SMA91
85
96
130 (<200)
< 800
+10…+12
> 68
10
Z1SMA100
94
106
200 (<300)
< 800
+10…+12
> 75
9
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - Z1SMA5.6

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z1SMA5.6 DIOTEC-Z1SMA5.6 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA5.6 DIOTEC-Z1SMA5.6 Datasheet
94Kb / 2P
   Surface mount Silicon-Zener Diodes
Z1SMA5.6 DIOTEC-Z1SMA5.6 Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA5.6 DIOTEC-Z1SMA5.6 Datasheet
148Kb / 3P
   Surface mount Silicon-Zener Diodes (
Z1SMA5.6 DIOTEC-Z1SMA5.6 Datasheet
183Kb / 3P
   SMD Zener Diodes
More results

Similar Description - Z1SMA5.6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com