Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEHA1C100R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEHA1C100R
Description  Aluminum Electrolytic Capacitors/ HA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHA1C100R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEHA1C100R Datasheet HTML 1Page - Panasonic Semiconductor EEEHA1C100R Datasheet HTML 2Page - Panasonic Semiconductor EEEHA1C100R Datasheet HTML 3Page - Panasonic Semiconductor EEEHA1C100R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HA
– EEE-19 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+105°C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
25
4.7
4
5.4
B
22
0.14
EEEHA1E4R7R
(1)
2000
10
45.4
(B)
22
0.20
EEEHA1E100WR
(1)
2000
55.4
C
28
0.14
EEEHA1E100R
(1)
1000
22
55.4
(C)
35
0.20
EEEHA1E220WR
(1)
1000
6.3
5.4
D
55
0.14
EEEHA1E220P
(1)
1000
33
55.4
(C)
45
0.20
EEEHA1E330WR
(1)
1000
6.3
5.4
D
65
0.14
EEEHA1E330P
(1)
1000
47
6.3
5.4
(D)
70
0.20
EEEHA1E470WP
(1)
1000
86.2
E
91
0.16
EEEHA1E470P
(2)
1000
100
6.3
7.7
D8
91
0.14
EEEHA1E101XP
(1)
900
86.2
(E)
91
0.16
EEEHA1E101UP
(2)
1000
810.2
F
130
0.16
EEEHA1E101P
(2)
500
220
810.2
(F)
160
0.16
EEEHA1E221UP
(2)
500
10
10.2
G
190
0.16
EEEHA1E221P
(2)
500
330
810.2
(F)
180
0.16
EEEHA1E331UP
(2)
500
10
10.2
G
340
0.16
EEEHA1E331P
(2)
500
470
10
10.2
G
360
0.16
EEEHA1E471P
(2)
500
35
4.7
4
5.4
B
22
0.12
EEEHA1V4R7R
(1)
2000
10
45.4
(B)
22
0.16
EEEHA1V100WR
(1)
2000
55.4
C
30
0.12
EEEHA1V100R
(1)
1000
22
55.4
(C)
35
0.16
EEEHA1V220WR
(1)
1000
6.3
5.4
D
60
0.12
EEEHA1V220P
(1)
1000
33
6.3
5.4
(D)
42
0.16
EEEHA1V330WP
(1)
1000
86.2
E
84
0.14
EEEHA1V330P
(2)
1000
47
86.2
(E)
84
0.14
EEEHA1V470UP
(2)
1000
810.2
F
98
0.14
EEEHA1V470P
(2)
500
100
6.3
7.7
D8
84
0.12
EEEHA1V101XP
(1)
900
810.2
(F)
120
0.14
EEEHA1V101UP
(2)
500
10
10.2
G
160
0.14
EEEHA1V101P
(2)
500
220
810.2
(F)
170
0.14
EEEHA1V221UP
(2)
500
10
10.2
G
210
0.14
EEEHA1V221P
(2)
500
330
10
10.2
G
250
0.14
EEEHA1V331P
(2)
500
50
0.1
4
5.4
B
1
0.12
EEEHA1HR10R
(1)
2000
0.22
4
5.4
B
2
0.12
EEEHA1HR22R
(1)
2000
0.33
4
5.4
B
3
0.12
EEEHA1HR33R
(1)
2000
0.47
4
5.4
B
5
0.12
EEEHA1HR47R
(1)
2000
1
4
5.4
B
10
0.12
EEEHA1H1R0R
(1)
2000
2.2
4
5.4
B
16
0.12
EEEHA1H2R2R
(1)
2000
3.3
4
5.4
B
16
0.12
EEEHA1H3R3R
(1)
2000
4.7
5
5.4
C
23
0.12
EEEHA1H4R7R
(1)
1000
10
6.3
5.4
D
35
0.12
EEEHA1H100P
(1)
1000
22
8
6.2
E
70
0.12
EEEHA1H220P
(2)
1000
33
6.3
7.7
D8
70
0.12
EEEHA1H330XP
(1)
900
86.2
(E)
70
0.12
EEEHA1H330UP
(2)
1000
810.2
F
91
0.12
EEEHA1H330P
(2)
500
47
6.3
7.7
D8
63
0.12
EEEHA1H470XP
(1)
900
810.2
(F)
95
0.12
EEEHA1H470UP
(2)
500
10
10.2
G
100
0.12
EEEHA1H470P
(2)
500
100
810.2
(F)
110
0.12
EEEHA1H101UP
(2)
500
10
10.2
G
120
0.12
EEEHA1H101P
(2)
500
220
10
10.2
G
150
0.12
EEEHA1H221P
(2)
500
✽ Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 105 °C 1000 h
00 Nov. 2012


Similar Part No. - EEEHA1C100R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHA1C100R PANASONIC-EEEHA1C100R Datasheet
198Kb / 4P
   Surface Mount Type
EEEHA1C100R PANASONIC-EEEHA1C100R Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C100R PANASONIC-EEEHA1C100R Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C100R PANASONIC-EEEHA1C100R Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C100R PANASONIC-EEEHA1C100R Datasheet
97Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results

Similar Description - EEEHA1C100R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-HA1H100P PANASONIC-EEE-HA1H100P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1E101UP PANASONIC-EEE-HA1E101UP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAC101WAP PANASONIC-EEE-HAC101WAP Datasheet
89Kb / 3P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1J100P PANASONIC-EEE-HA1J100P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAV221UAP PANASONIC-EEE-HAV221UAP Datasheet
94Kb / 3P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1H470UP PANASONIC-EEE-HA1H470UP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1C100R PANASONIC-EEE-HA1C100R Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1C221XP PANASONIC-EEE-HA1C221XP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAV101XAP PANASONIC-EEE-HAV101XAP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors HA
EEE-HA1V101XP PANASONIC-EEE-HA1V101XP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com