Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKZ3A151KBP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKZ3A151KBP
Description  Ceramic Disc Capacitors (High Voltage) /KBP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKZ3A151KBP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKZ3A151KBP Datasheet HTML 1Page - Panasonic Semiconductor ECKZ3A151KBP Datasheet HTML 2Page - Panasonic Semiconductor ECKZ3A151KBP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ceramic Disc Capacitors (High Voltage) /KBP
High Voltage Ceramic Disc
Capacitors Rated 1 to 3 kVDC,
Temp. Char. Y5P
Hi Volt, Disc, Radial Leaded KPB ECK-D (KPB)
Series:
KBP
s Explanation of Part Numbers
s Specifications
s Dimensions in mm (not to scale)
s Typical Temperature Characteristics
+10
0
–10
–20
–20
0
20
40
60
80
100
Temperature (
°C)
T max.
d
± 0.05
F
D max.
Operating temperature range –25 to 125°C (Including maximum
temperature rise of +20°C
Rated voltage
1 kVDC, 2 kVDC, and 3 kVDC
Dielectric withstanding
200% of the rated voltage for 1 to 5 seconds
voltage
Capacitance
Within the specified tolerance, when measured
at 1 kHz±20%, 1 to 5 Vrms and 20°C
Dissipation factor (tan
δ)
0.025 max at 1 kHz±20%, 1 to 5 Vrms, and
20°C
Insulation resistance
10,000 M
Ω min. at 500 VDC and 1 minute
electrification
Temperature characteristics
Capacitance change: ±10% max. over the
temperature range of –25 to 85°C
Nominal Capacitance
2
7
2
8
2
9
Capacitance Tolerance
K
10
Temperature Characteristics
B
11
Style
D
4
Product Code
E
1
C
2
K
3
Rated Voltage
3
5
D
6
P
Suffix
12
s Features
• Wide operating temperature range: –25 to 125°C
• Improved in “Voltage vs. Temperature Rise” through
low loss ceramic dielectric materials applied
• Temperature stable type (Char. B/Y5P)
• Flame-retardant insulating coating applied
s Recommended Applications
• Snubber circuit of switching power supply
• Horizontal resonance of TV and CRT display
• Inverter lighting apparatus
• High voltage and pulse circuit
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ECKZ3A151KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKZ3A151KBP PANASONIC-ECKZ3A151KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKZ3A151KBP PANASONIC-ECKZ3A151KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
More results

Similar Description - ECKZ3A151KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-D3A681KBP PANASONIC-ECK-D3A681KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECK-D3A102KBP PANASONIC-ECK-D3A102KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
TDK Electronics
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com